Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFHA1101 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFHA1101
Description  Advanced GaN HEMT Technology
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFHA1101 Datasheet(HTML) 1 Page - RF Micro Devices

  RFHA1101 Datasheet HTML 1Page - RF Micro Devices RFHA1101 Datasheet HTML 2Page - RF Micro Devices RFHA1101 Datasheet HTML 3Page - RF Micro Devices RFHA1101 Datasheet HTML 4Page - RF Micro Devices RFHA1101 Datasheet HTML 5Page - RF Micro Devices RFHA1101 Datasheet HTML 6Page - RF Micro Devices RFHA1101 Datasheet HTML 7Page - RF Micro Devices RFHA1101 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131023
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 8
RFHA1101
4.3W GaN On SiC Power Amplifier
Die-On-Carrier
The RFHA1101 is a 28V, 4.3W, GaN on SiC high power discrete
amplifier die-on carrier designed for commercial wireless
infrastructure, cellular and WiMAX infrastructure,
industrial/scientific/medical, and general purpose broadband
amplifier applications. Using an advanced high power density
Gallium Nitride (GaN) semiconductor process, the RFHA1101 is
able to achieve high efficiency and flat gain over a broad
frequency range in a single amplifier design with proper heat
sinking and assembly. The RFHA1101 is an unmatched 0.5µm
gate, GaN transistor die suitable for many applications with
> 36dBm 3dB-compressed power, > 60% 3dB-compressed drain
efficiency, and > 21dB small signal gain at 2GHz.
Functional Block Diagram
Ordering Information
RFHA1101
4.3W GaN on SiC Power Amplifier Die-on-Carrier
Package: Die
Features
Broadband Operation DC to
10GHz
1
Advanced GaN HEMT Technology
Small Signal Gain = 21.4dB at
2.14GHz
28V Typical Performance
Output Power 4.3W at P3dB
Drain Efficiency 60% at P3dB
Dimensions
GaN Die:
0.448 x 0.825 x0.1mm
GaN Die on Heat Sink:
1.25 x 1.25 x 0.3mm
Active Area Periphery: 2.22mm
Applications
Commercial Wireless Infrastructure
Cellular and WiMAX Infrastructure
Civilian and Military Radar
General Purpose Broadband
Amplifiers
Public Mobile Radios
Industrial, Scientific, and Medical
RFHA1101
RFHA1101


Similar Part No. - RFHA1101

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFHA1101D RFMD-RFHA1101D Datasheet
721Kb / 8P
Advanced GaN HEMT Technology
More results

Similar Description - RFHA1101

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TGI0910-50 TOSHIBA-TGI0910-50 Datasheet
150Kb / 2P
MICROWAVE POWER GaN HEMT
TGI8596-50 TOSHIBA-TGI8596-50 Datasheet
133Kb / 2P
MICROWAVE POWER GaN HEMT
logo
M/A-COM Technology Solu...
MAGX-001220-100L00 MA-COM-MAGX-001220-100L00_15 Datasheet
833Kb / 6P
GaN HEMT Power Transistor
logo
RF Micro Devices
RFHA1101D RFMD-RFHA1101D Datasheet
721Kb / 8P
Advanced GaN HEMT Technology
logo
Toshiba Semiconductor
TGI5867-25L TOSHIBA-TGI5867-25L Datasheet
324Kb / 8P
MICROWAVE POWER GaN HEMT
2019
TGI5964-120L TOSHIBA-TGI5964-120L Datasheet
381Kb / 9P
MICROWAVE POWER GaN HEMT
2019
TGI7179-130LHA TOSHIBA-TGI7179-130LHA Datasheet
327Kb / 6P
MICROWAVE POWER GaN HEMT
2019
TGI7179-60LHA TOSHIBA-TGI7179-60LHA Datasheet
350Kb / 7P
MICROWAVE POWER GaN HEMT
2019
TGI7785-120L TOSHIBA-TGI7785-120L Datasheet
629Kb / 6P
MICROWAVE POWER GaN HEMT
2017
TGI9098-100P TOSHIBA-TGI9098-100P Datasheet
325Kb / 6P
MICROWAVE POWER GaN HEMT
2019
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com