Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFHA3832 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFHA3832
Description  10W GaN Wide-Band Power Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFHA3832 Datasheet(HTML) 3 Page - RF Micro Devices

  RFHA3832 Datasheet HTML 1Page - RF Micro Devices RFHA3832 Datasheet HTML 2Page - RF Micro Devices RFHA3832 Datasheet HTML 3Page - RF Micro Devices RFHA3832 Datasheet HTML 4Page - RF Micro Devices RFHA3832 Datasheet HTML 5Page - RF Micro Devices RFHA3832 Datasheet HTML 6Page - RF Micro Devices RFHA3832 Datasheet HTML 7Page - RF Micro Devices RFHA3832 Datasheet HTML 8Page - RF Micro Devices RFHA3832 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131205
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
3 of 11
RFHA3832
PRELIMINARY
Parameter
Specification
Unit
Condition
Min
Typ
Max
RF Functional Test
Test Conditions: VDSQ = 48V, IDQ = 88mA, CW, f = 500MHz, T =
25ºC, Performance in a standard tuned test fixture
VGS(Q)
-0.9
V
Power Gain
15.5
dB
PIN = 24.5dBm
Input Return Loss
-15
dB
Output Power
39.8
dBm
Power Added Efficiency (PAE)
46
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com