Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFHA3832 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFHA3832
Description  10W GaN Wide-Band Power Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFHA3832 Datasheet(HTML) 1 Page - RF Micro Devices

  RFHA3832 Datasheet HTML 1Page - RF Micro Devices RFHA3832 Datasheet HTML 2Page - RF Micro Devices RFHA3832 Datasheet HTML 3Page - RF Micro Devices RFHA3832 Datasheet HTML 4Page - RF Micro Devices RFHA3832 Datasheet HTML 5Page - RF Micro Devices RFHA3832 Datasheet HTML 6Page - RF Micro Devices RFHA3832 Datasheet HTML 7Page - RF Micro Devices RFHA3832 Datasheet HTML 8Page - RF Micro Devices RFHA3832 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131205
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 11
PRELIMINARY
RFHA3832
10W GaN Wide-Band Power Amplifier
The RFHA3832 is a wideband Power Amplifier designed for CW and pulsed
applications such as wireless infrastructure, RADAR, two way radios and
general purpose amplification. Using an advanced high power density
Gallium Nitride (GaN) semiconductor process, these high-performance
amplifiers achieve high efficiency, flat gain, and large instantaneous
bandwidth in a single amplifier design. The RFHA3832 is an input matched
GaN transistor packaged in an air cavity ceramic package which provides
excellent thermal stability through the use of advanced heat sink and power
dissipation technologies. Ease of integration is accomplished through the
incorporation of optimized input matching network within the package that
provides wideband gain and power performance in a single amplifier. An
external output match offers the flexibility of further optimizing power and
efficiency for any sub-band within the overall bandwidth.
Functional Block Diagram
Ordering Information
RFHA3832S2
Sample bag with 2 pieces
RFHA3832SB
Bag with 5 pieces
RFHA3832SQ
Bag with 25 pieces
RFHA3832SR
Short reel with 100 pieces
RFHA3832TR7
7” reel with 500 pieces
RFHA3832TR13
13” reel with 2500 pieces
RFHA3832PCBA-410
Fully assembled evaluation board
30 to 1000 MHz, 48V operation
Package: AIN Leadless Chip
Carrier, SO8
Features
■
Advanced GaN HEMT Technology
■
Output Power of 10W
■
Advanced Heat-Sink Technology
■
30MHz to 1000MHz Instantaneous
Bandwidth
■
Input Internally Matched to 50
Ω
■
48V Operation Typical
Performance
Output Power 40dBm
Gain 15.5dB
Power Added Efficiency 48%
■
-40°C to 85°C Operating
Temperature
■
Large Signal Models Available
Applications
■
Class AB Operation for Public
Mobile Radio
■
Power Amplifier Stage for
Commercial Wireless Infrastructure
■
General Purpose Tx Amplification
■
Test Instrumentation
■
Civilian and Military Radar
RFHA3832


Similar Part No. - RFHA3832

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFHA3942 RFMD-RFHA3942 Datasheet
1Mb / 11P
35W GaN Wide-Band Power Amplifier
RFHA3942D RFMD-RFHA3942D Datasheet
1Mb / 9P
35W Linear GaN on SiC Power Amplifier Die
RFHA3944 RFMD-RFHA3944 Datasheet
1Mb / 11P
65W GaN Wide-Band Power Amplifier
RFHA3960 RFMD-RFHA3960 Datasheet
1Mb / 12P
Broadband Operation DC to 6GHz
More results

Similar Description - RFHA3832

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3934 RFMD-RF3934 Datasheet
99Kb / 2P
GaN WIDE-BAND POWER AMPLIFIER
RF3933 RFMD-RF3933 Datasheet
99Kb / 2P
GaN WIDE-BAND POWER AMPLIFIER
RF3932 RFMD-RF3932 Datasheet
99Kb / 2P
GaN WIDE-BAND POWER AMPLIFIER
RF3931 RFMD-RF3931 Datasheet
99Kb / 2P
GaN WIDE-BAND POWER AMPLIFIER
RF3933 RFMD-RF3933_12 Datasheet
1Mb / 14P
90W GaN WIDE-BAND POWER AMPLIFIER
RF3833 RFMD-RF3833 Datasheet
1Mb / 10P
25W GaN Wide-Band Power Amplifier
RFHA1004 RFMD-RFHA1004 Datasheet
946Kb / 11P
25W GaN Wide-Band Power Amplifier
RFHA1021L RFMD-RFHA1021L Datasheet
910Kb / 12P
60W GaN Wide-Band Pulsed Power Amplifier
RFHA3942 RFMD-RFHA3942 Datasheet
1Mb / 11P
35W GaN Wide-Band Power Amplifier
RFHA3944 RFMD-RFHA3944 Datasheet
1Mb / 11P
65W GaN Wide-Band Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com