Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFHA3944 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFHA3944
Description  65W GaN Wide-Band Power Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFHA3944 Datasheet(HTML) 2 Page - RF Micro Devices

  RFHA3944 Datasheet HTML 1Page - RF Micro Devices RFHA3944 Datasheet HTML 2Page - RF Micro Devices RFHA3944 Datasheet HTML 3Page - RF Micro Devices RFHA3944 Datasheet HTML 4Page - RF Micro Devices RFHA3944 Datasheet HTML 5Page - RF Micro Devices RFHA3944 Datasheet HTML 6Page - RF Micro Devices RFHA3944 Datasheet HTML 7Page - RF Micro Devices RFHA3944 Datasheet HTML 8Page - RF Micro Devices RFHA3944 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131024
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
2 of 11
Absolute Maximum Ratings
Parameter
Rating
Unit
Drain Voltage (VD)
150
V
Gate Voltage (VG)
-8 to +2
V
Gate Current (IG)
30
mA
Operational Voltage
50
V
Ruggedness (VSWR)
10:1
Storage Temperature Range
-65 to +125
°C
Operating Temperature Range (TL)
-40 to +85
°C
Operating Junction Temperature (TJ)
250
°C
Human Body Model
Class 1B
MTTF (TJ < 200°C, 95% Confidence Limits)*
3.2E + 06
Hours
MTTF (TJ < 250°C, 95% Confidence Limits)*
5.3E + 04
Hours
Thermal Resistance, Rth (junction to case) measured
at TC = 85°C, DC bias only
1.7
°C/W
Caution! ESD sensitive device.
RoHS (Restriction of Hazardous
Substances): Compliant per EU Directive
2011/65/EU.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
* MTTF
– median time to failure for wear-out failure mode (30% I
DSS degradation) which is determined by the technology process reliability.
Refer to product qualification report for FIT (random) failure rate.
Operation of this device beyond any one of these limits may cause permanent damage. For reliable continuous operation, the device voltage and current
must not exceed the maximum operating values specified in the table above.
Bias Conditions should also satisfy the following expression: PDISS < (TJ – TC) / RTH J-C and TC = TCASE
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
Recommended Operating
Conditions
Drain Voltage (VDSQ)
28
48
V
Gate Voltage (VGSQ)
-1.5
-0.9
-0.4
V
Drain Bias Current (IDSQ)
540
mA
Frequency of Operation
DC
4000
GHz
DC Function Test
IG(OFF) – Gate Leakage
0.02
mA
VG = -8V, VD = 0V
ID(OFF) – Drain Leakage
0.2
mA
VG = -8V, VD = 48V
VGS(TH) – Threshold Voltage
-1.4
V
VD = 48V, ID = 20mA
VDS(ON) – Drain Voltage at High
Current
0.75
V
VG = 0V, ID = 1.5A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com