Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFHA3944 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFHA3944
Description  65W GaN Wide-Band Power Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFHA3944 Datasheet(HTML) 1 Page - RF Micro Devices

  RFHA3944 Datasheet HTML 1Page - RF Micro Devices RFHA3944 Datasheet HTML 2Page - RF Micro Devices RFHA3944 Datasheet HTML 3Page - RF Micro Devices RFHA3944 Datasheet HTML 4Page - RF Micro Devices RFHA3944 Datasheet HTML 5Page - RF Micro Devices RFHA3944 Datasheet HTML 6Page - RF Micro Devices RFHA3944 Datasheet HTML 7Page - RF Micro Devices RFHA3944 Datasheet HTML 8Page - RF Micro Devices RFHA3944 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131024
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 11
RFHA3944
65W GaN Wide-Band Power Amplifier
The RFHA3944 is a 48V, 65W high power discrete amplifier
designed for military communications, electronic warfare, general
purpose broadband amplifier, commercial wireless infrastructure,
and industrial/scientific/medical applications. Using a second
generation advanced high power density gallium nitride (GaN)
semiconductor process with improved linearity, these high-
performance amplifiers achieve high efficiency, excellent linearity,
and flat gain and power over a broad frequency range in a single
amplifier design. The RFHA3944 is an unmatched GaN transistor,
packaged in a hermetic flanged ceramic package. This package
provides excellent thermal stability through the use of advanced
heat sink and power dissipation technologies. Ease of integration
is accomplished by incorporating simple, optimized matching
networks external to the package that provide wideband gain and
power performance in a single amplifier.
Functional Block Diagram
Ordering Information
RFHA3944S2
Sample bag with 2 pieces
RFHA3944SB
Bag with 5 pieces
RFHA3944SQ
Bag with 25 pieces
RFHA3944SR
Short reel with 50 pieces
RFHA3944TR13
13” Reel with 400 pieces
RFHA3944PCBA-411
Fully assembled evaluation board optimized for
2.14GHz; 48V
Package: Flanged Ceramic, 2 pin,
RF360-2
Features
■
Broadband Operation
Tunable from DC to 4GHz
Instantaneous: 800MHz to
2500MHz
■
Advanced GaN HEMT Technology
■
Peak Modulated Power > 65W
■
Advanced Heat-Sink Technology
■
48V Typical Modulated
Performance
POUT 42.4dBm
Gain 14.7dB
Drain Efficiency 31%
ACP-42dBc
■
48V Typical CW Performance
POUT 48.1dBm
Gain 14.5dB
Drain Efficiency 55%
■
-40°C to 85°C Operating
Temperature
Applications
■
Military Communications
■
General Purpose Broadband
Amplifiers
■
Electronic Warfare
■
Public Mobile Radios
■
Commercial Wireless Infrastructure
■
Cellular and WiMAX Infrastructure
■
Industrial, Scientific, and Medical
RFHA3944
RFHA3944


Similar Part No. - RFHA3944

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFHA3942 RFMD-RFHA3942 Datasheet
1Mb / 11P
35W GaN Wide-Band Power Amplifier
RFHA3942D RFMD-RFHA3942D Datasheet
1Mb / 9P
35W Linear GaN on SiC Power Amplifier Die
More results

Similar Description - RFHA3944

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3934 RFMD-RF3934 Datasheet
99Kb / 2P
GaN WIDE-BAND POWER AMPLIFIER
RF3933 RFMD-RF3933 Datasheet
99Kb / 2P
GaN WIDE-BAND POWER AMPLIFIER
RF3932 RFMD-RF3932 Datasheet
99Kb / 2P
GaN WIDE-BAND POWER AMPLIFIER
RF3931 RFMD-RF3931 Datasheet
99Kb / 2P
GaN WIDE-BAND POWER AMPLIFIER
RF3933 RFMD-RF3933_12 Datasheet
1Mb / 14P
90W GaN WIDE-BAND POWER AMPLIFIER
RF3833 RFMD-RF3833 Datasheet
1Mb / 10P
25W GaN Wide-Band Power Amplifier
RFHA1004 RFMD-RFHA1004 Datasheet
946Kb / 11P
25W GaN Wide-Band Power Amplifier
RFHA1021L RFMD-RFHA1021L Datasheet
910Kb / 12P
60W GaN Wide-Band Pulsed Power Amplifier
RFHA3832 RFMD-RFHA3832 Datasheet
1Mb / 11P
10W GaN Wide-Band Power Amplifier
RFHA3942 RFMD-RFHA3942 Datasheet
1Mb / 11P
35W GaN Wide-Band Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com