Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW2100D Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFSW2100D
Description  55W GaN-on-SiC Reflective SPDT RF Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSW2100D Datasheet(HTML) 2 Page - RF Micro Devices

  RFSW2100D Datasheet HTML 1Page - RF Micro Devices RFSW2100D Datasheet HTML 2Page - RF Micro Devices RFSW2100D Datasheet HTML 3Page - RF Micro Devices RFSW2100D Datasheet HTML 4Page - RF Micro Devices RFSW2100D Datasheet HTML 5Page - RF Micro Devices RFSW2100D Datasheet HTML 6Page - RF Micro Devices RFSW2100D Datasheet HTML 7Page - RF Micro Devices RFSW2100D Datasheet HTML 8Page - RF Micro Devices RFSW2100D Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131029
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
2 of 11
RFSW2100D
Absolute Maximum Ratings
Parameter
Rating
Unit
Max Control Bias
-60
V
CW RF Input Power
69
W
Storage Temperature Range
-55 to +125
°C
Operating Temperature (Case)
-40 to +85
°C
Operating Junction Temperature (TJ)
250
°C
Human Body Model (based on packaged device)
Class 1A
MTTF @ -40V OFF Control Bias (95% Confidence Limits)*
(TJ < 200°C)**
(TJ < 250°C)**
3.0 x 10
8
1.0 x 10
7
Hours
Hours
Thermal Resistance, Rth (junction to case)***
(Expected value at TC = 85°C)
DC
10.5
°C/W
Caution! ESD sensitive device.
RFMD Green: RoHS compliant per EU
Directive 2011/65/EU, halogen free per
IEC 61249-2-21, <1000ppm each of
antimony trioxide in polymeric materials
and red phosphorus as a flame retardant,
and <2% antimony solder.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Operation of this device beyond any one of these limits may cause permanent damage. For reliable continuous operation, the device voltage and current
must not exceed the maximum operating values specified in the table above.
*MTTF - median time to failure as determined by the process technology wear-out failure mode. Refer to product qualification report for FIT(random) failure
rate.
**User will need to define this specification in the final application and ensure bias conditions satisfy the following expression: PDISS < (TJ – TC) / RTH J-C and
TC = TCASE to maintain maximum operating junction temperature and MTTF.
***The thermal resistance quoted here (10.5C/W) is the thermal resistance of the GaN-on-SiC die itself, not including the contribution of any particular
attach method. Rth is defined as (TJ – TC) / Power, where TC is measured at the bottom of the SiC.
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
Recommended Operating Conditions
OFF Control Bias
-20
-40
V
ON Control Bias
0
V
RF I/O Impedance
50
Ω
Functional Test
RFC-RF1 Insertion Loss
-0.25
dB
Frequency = 880MHz PIN = 30dBm VC1 = 0V VC2 = -10V
RFC-RF2 Insertion Loss
-0.25
dB
Frequency = 880MHz PIN = 30dBm VC1 = -10V VC2 = 0V
RFC-RF1 Isolation
-60
dB
Frequency = 880MHz PIN = 30dBm VC1 = -10V VC2 = 0V
RFC-RF2 Isolation
-60
dB
Frequency = 880MHz PIN = 30dBm VC1 = 0V VC2 = -10V
RFC-RF1 2
nd Harmonic
-20
dBm
Frequency = 880MHz PIN = 30dBm VC1 = 0V VC2 = -10V
RFC-RF2 2
nd Harmonic
-20
dBm
Frequency = 880MHz PIN = 30dBm VC1 = -10V VC2 = 0V
RFC-RF1 3
rd Harmonic
-10
dBm
Frequency = 880MHz PIN = 30dBm VC1 = 0V VC2 = -10V
RFC-RF2 3
rd Harmonic
-10
dBm
Frequency = 880MHz PIN = 30dBm VC1 = -10V VC2 = 0V
RFC-RF1 - VC1 Current
250
µA
Frequency = 880MHz PIN = 30dBm VC1 = 0V VC2 = -10V
RFC-RF2 - VC1 Current
-600
µA
Frequency = 880MHz PIN = 3 0dBm VC1 = -10V VC2 = 0V
RFC-RF1 - VC2 Current
250
µA
Frequency = 880MHz PIN = 30dBm VC1 = 0V VC2 = -10V
RFC-RF2 - VC2 Current
-600
µA
Frequency = 880MHz PIN = 30dBm VC1 = -10V VC2 = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com