Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW2100D Datasheet (PDF) - RF Micro Devices

RFSW2100D Datasheet PDF - RF Micro Devices
Part # RFSW2100D
Download  RFSW2100D Download
File Size   1487.12 Kbytes
Page   11 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 55W GaN-on-SiC Reflective SPDT RF Switch

RFSW2100D Datasheet (PDF)

Go To PDF Page Download Datasheet
RFSW2100D Datasheet PDF - RF Micro Devices

Part # RFSW2100D
Download  RFSW2100D Click to download

File Size   1487.12 Kbytes
Page   11 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 55W GaN-on-SiC Reflective SPDT RF Switch

RFSW2100D Datasheet (HTML) - RF Micro Devices




Similar Part No. - RFSW2100D

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSW1012 RFMD-RFSW1012 Datasheet
863Kb / 13P
BROADBAND SPDT SWITCH
logo
Qorvo, Inc
RFSW1012 QORVO-RFSW1012 Datasheet
1Mb / 11P
Broadband SPDT Switch
November 14, 2018
RFSW1012PCK-410 QORVO-RFSW1012PCK-410 Datasheet
1Mb / 11P
Broadband SPDT Switch
November 14, 2018
RFSW1012PCK-411 QORVO-RFSW1012PCK-411 Datasheet
1Mb / 11P
Broadband SPDT Switch
November 14, 2018
RFSW1012TR7 QORVO-RFSW1012TR7 Datasheet
1Mb / 11P
Broadband SPDT Switch
November 14, 2018
More results


Similar Description - RFSW2100D

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
GG72030 MICROSEMI-GG72030 Datasheet
90Kb / 2P
REFLECTIVE SPDT SWITCH MODULES
logo
TriQuint Semiconductor
T1G4005528-FS TRIQUINT-T1G4005528-FS Datasheet
830Kb / 4P
55W, 28V, DC ??3.5GHz, GaN RF Power Transistor
logo
Peregrine Semiconductor
PE4250 PSEMI-PE4250_14 Datasheet
808Kb / 9P
Reflective SPDT RF Switch
logo
TriQuint Semiconductor
T1G4005528-FS TRIQUINT-T1G4005528-FS_15 Datasheet
1Mb / 12P
55W, 28V, DC ??3.5GHz, GaN RF Power Transistor
logo
Vishay Siliconix
TLHB44K2M1 VISHAY-TLHB44K2M1 Datasheet
104Kb / 5P
GaN on SiC technology
14-Oct-14
logo
BeRex Corporation
BSW6321 BEREX-BSW6321 Datasheet
1Mb / 13P
5MHz-6000MHz High Linearity Reflective SPDT RF switch
BSW6421 BEREX-BSW6421 Datasheet
1Mb / 13P
5MHz-6000MHz High Isolation Reflective SPDT RF switch
logo
Cree, Inc
GTRA360502M CREE-GTRA360502M Datasheet
250Kb / 5P
Thermally-Enhanced High Power RF GaN on SiC HEMT
GTRA260502M CREE-GTRA260502M Datasheet
205Kb / 5P
Thermally-Enhanced High Power RF GaN on SiC HEMT
GTRA214602FC CREE-GTRA214602FC Datasheet
321Kb / 8P
Thermally-Enhanced High Power RF GaN on SiC HEMT
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com