Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW1012 Datasheet (PDF) - Qorvo, Inc

RFSW1012 Datasheet PDF - Qorvo, Inc
Part # RFSW1012
Download  RFSW1012 Download
File Size   1196.73 Kbytes
Page   11 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description Broadband SPDT Switch

RFSW1012 Datasheet (PDF)

Go To PDF Page Download Datasheet
RFSW1012 Datasheet PDF - Qorvo, Inc

Part # RFSW1012
Download  RFSW1012 Click to download

File Size   1196.73 Kbytes
Page   11 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description Broadband SPDT Switch

RFSW1012 Datasheet (HTML) - Qorvo, Inc


RFSW1012 Product details

Applications
• LTE, WCDMA, GSM
• CATV, SATV Applications
• Post PA Switching
• General Purpose Switching Applications
Key Features
• 5MHz to 6000MHz Operation
• 50Ω or 75Ω Applications
• Low Insertion Loss: 0.30dB at 1980MHz
• High Isolation: 37dB at 2GHz
• High IP3: >75dBm at 2GHz
• Compatible with Low Voltage Logic (VHIGH Minimum =
1.3V)
• No External DC Blocking Capacitors Required on RF
Paths Unless DC is Applied Externally
• 2000V HBM ESD Rating on All Ports
• CTB/CSO: >100dBc (41dBmV/ch., 137 Channels)




Similar Part No. - RFSW1012

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSW1012 RFMD-RFSW1012 Datasheet
863Kb / 13P
BROADBAND SPDT SWITCH
More results


Similar Description - RFSW1012

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASWSS0070_V5 MA-COM-MASWSS0070_V5 Datasheet
126Kb / 5P
GaAs Broadband SPDT Switch
MASW-007107 MA-COM-MASW-007107 Datasheet
157Kb / 4P
GaAs Broadband SPDT Switch
MASW-007588 MA-COM-MASW-007588 Datasheet
73Kb / 3P
GaAs Broadband SPDT Switch
MASWSS0093 MA-COM-MASWSS0093_15 Datasheet
82Kb / 3P
GaAs Broadband SPDT Switch
logo
RF Micro Devices
RF1602 RFMD-RF1602 Datasheet
601Kb / 8P
Broadband SPDT Switch
RF1602L RFMD-RF1602L Datasheet
645Kb / 8P
Broadband SPDT Switch
RFSW1012 RFMD-RFSW1012 Datasheet
863Kb / 13P
BROADBAND SPDT SWITCH
logo
M/A-COM Technology Solu...
MASW-007588 MA-COM-MASW-007588_15 Datasheet
550Kb / 4P
GaAs Broadband SPDT Switch
MASW-007107 MA-COM-MASW-007107_15 Datasheet
718Kb / 6P
GaAs Broadband SPDT Switch
logo
California Eastern Labs
CG2163X3 CEL-CG2163X3_17 Datasheet
617Kb / 8P
Broadband SPDT RF Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com