Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW1012 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # RFSW1012
Description  Broadband SPDT Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFSW1012 Datasheet(HTML) 1 Page - Qorvo, Inc

  RFSW1012 Datasheet HTML 1Page - Qorvo, Inc RFSW1012 Datasheet HTML 2Page - Qorvo, Inc RFSW1012 Datasheet HTML 3Page - Qorvo, Inc RFSW1012 Datasheet HTML 4Page - Qorvo, Inc RFSW1012 Datasheet HTML 5Page - Qorvo, Inc RFSW1012 Datasheet HTML 6Page - Qorvo, Inc RFSW1012 Datasheet HTML 7Page - Qorvo, Inc RFSW1012 Datasheet HTML 8Page - Qorvo, Inc RFSW1012 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
RFSW1012
Broadband SPDT Switch
Datasheet Rev. L Sheet, November 14, 2018 | Subject to change without notice
1 of 11
www.qorvo.com
®
Product Overview
The RFSW1012 is a single-pole double-throw (SPDT)
switch designed for applications requiring very low insertion
loss and high-power handling capability. The excellent
linearity performance of the RFSW1012 makes it ideal for
use in LTE, WCDMA, and CDMA applications. This switch
is ideally suited for use in CATV and SATV applications.
The RFSW1012 is packaged in a compact 2mm X 2mm,
12-pin, QFN package.
Applications
• LTE, WCDMA, GSM
• CATV, SATV Applications
• Post PA Switching
• General Purpose Switching Applications
Ordering Information
Part No.
Description
RFSW1012TR7
7
” Reel with 2500 pieces
RFSW1012PCK-411
50Ω PCBA with 5-piece sample bag
RFSW1012PCK-410
75Ω PCBA with 5-piece sample bag
Functional Block Diagram
1
2
3
9
8
7
12
11
10
4
5
6
VDD
CTRL
GND
GND
EN
RFC
Top View
Key Features
• 5MHz to 6000MHz Operation
• 50Ω or 75Ω Applications
• Low Insertion Loss: 0.30dB at 1980MHz
• High Isolation: 37dB at 2GHz
• High IP3: >75dBm at 2GHz
• Compatible with Low Voltage Logic (VHIGH Minimum =
1.3V)
• No External DC Blocking Capacitors Required on RF
Paths Unless DC is Applied Externally
• 2000V HBM ESD Rating on All Ports
• CTB/CSO: >100dBc (41dBmV/ch., 137 Channels)
12 Pin 2
 mm x 2 mm leadless QFN Package


Similar Part No. - RFSW1012

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSW1012 RFMD-RFSW1012 Datasheet
863Kb / 13P
BROADBAND SPDT SWITCH
More results

Similar Description - RFSW1012

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASWSS0070_V5 MA-COM-MASWSS0070_V5 Datasheet
126Kb / 5P
GaAs Broadband SPDT Switch
MASW-007107 MA-COM-MASW-007107 Datasheet
157Kb / 4P
GaAs Broadband SPDT Switch
MASW-007588 MA-COM-MASW-007588 Datasheet
73Kb / 3P
GaAs Broadband SPDT Switch
MASWSS0093 MA-COM-MASWSS0093_15 Datasheet
82Kb / 3P
GaAs Broadband SPDT Switch
logo
RF Micro Devices
RF1602 RFMD-RF1602 Datasheet
601Kb / 8P
Broadband SPDT Switch
RF1602L RFMD-RF1602L Datasheet
645Kb / 8P
Broadband SPDT Switch
RFSW1012 RFMD-RFSW1012 Datasheet
863Kb / 13P
BROADBAND SPDT SWITCH
logo
M/A-COM Technology Solu...
MASW-007588 MA-COM-MASW-007588_15 Datasheet
550Kb / 4P
GaAs Broadband SPDT Switch
MASW-007107 MA-COM-MASW-007107_15 Datasheet
718Kb / 6P
GaAs Broadband SPDT Switch
logo
California Eastern Labs
CG2163X3 CEL-CG2163X3_17 Datasheet
617Kb / 8P
Broadband SPDT RF Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com