Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW1012 Datasheet(PDF) 10 Page - Qorvo, Inc

Part # RFSW1012
Description  Broadband SPDT Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFSW1012 Datasheet(HTML) 10 Page - Qorvo, Inc

Back Button RFSW1012 Datasheet HTML 3Page - Qorvo, Inc RFSW1012 Datasheet HTML 4Page - Qorvo, Inc RFSW1012 Datasheet HTML 5Page - Qorvo, Inc RFSW1012 Datasheet HTML 6Page - Qorvo, Inc RFSW1012 Datasheet HTML 7Page - Qorvo, Inc RFSW1012 Datasheet HTML 8Page - Qorvo, Inc RFSW1012 Datasheet HTML 9Page - Qorvo, Inc RFSW1012 Datasheet HTML 10Page - Qorvo, Inc RFSW1012 Datasheet HTML 11Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
RFSW1012
Broadband SPDT Switch
Datasheet Rev. L November 14, 2022 | Subject to change without notice
10 of 11
www.qorvo.com
®
Package Marking and Dimensions
Notes:
1. All dimensions are in mm. Angles are in degrees.
2. Dimension and tolerance formats conform to ASME Y14.4M-1994.
3. The terminal #1 identifier and terminal numbering conform to JESD 95-1 SPP-012.
TOP VIEW
BOTTOM VIEW
PIN 1 DOT
BY MARKING
1.100±0.050
Exp. DAP
1.100±0.050
Exp. DAP
.275±0.050
.500 Bsc
PIN #1 IDENTIFICATION
CHAMFER 0.200 X 45°
2.000±0.050
2.000±0.050
.200±0.050
1.000
Ref.
0.550±0.050
0.000-.050
.152 Ref.
SIDE VIEW
.140
.140
H5
TRACE CODE
Trace Code to be assigned by assembly SubCon



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com