Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW1012 Datasheet(PDF) 4 Page - Qorvo, Inc

Part # RFSW1012
Description  Broadband SPDT Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFSW1012 Datasheet(HTML) 4 Page - Qorvo, Inc

  RFSW1012 Datasheet HTML 1Page - Qorvo, Inc RFSW1012 Datasheet HTML 2Page - Qorvo, Inc RFSW1012 Datasheet HTML 3Page - Qorvo, Inc RFSW1012 Datasheet HTML 4Page - Qorvo, Inc RFSW1012 Datasheet HTML 5Page - Qorvo, Inc RFSW1012 Datasheet HTML 6Page - Qorvo, Inc RFSW1012 Datasheet HTML 7Page - Qorvo, Inc RFSW1012 Datasheet HTML 8Page - Qorvo, Inc RFSW1012 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
RFSW1012
Broadband SPDT Switch
Datasheet Rev. L November 14, 2022 | Subject to change without notice
4 of 11
www.qorvo.com
®
Application Circuit Schematic and Layout
50Ω Evaluation Board
75Ω Evaluation Board
Bill of Material
Ref Des
Value
Description
Manuf.
Part Number
-
-
50
Ω PCB, SW1012-411
Qorvo
-
-
75
Ω PCB, SW1012-410
Qorvo
U1
-
High Isolation SPDT Switch, 2X2 QFN
Qorvo
RFSW1012
C1
0.01 µF
CAP, 0.01 µF, 10%, 25V, X7R, 0402
Various
C2, C3
100 pF
CAP, 100 pF, 5%, 50V, C0G, 0402
Various
P1
CONN, HDR, ST, PLRZD, 5-
PIN, 0.100”
ITW Pancon
MPSS100-5-C
J1, J2, J3
-
CONN, SMA, END LNCH, MINI, FLT, 0.068”, 50 Ω PCB
Emerson
142-0741-851
-
CONN, F, FEM EDGE MOUNT, 0.068”, 75 Ω PCB
Millimeter
MW-846-C-DD-75



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com