Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW1012 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # RFSW1012
Description  Broadband SPDT Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFSW1012 Datasheet(HTML) 2 Page - Qorvo, Inc

  RFSW1012 Datasheet HTML 1Page - Qorvo, Inc RFSW1012 Datasheet HTML 2Page - Qorvo, Inc RFSW1012 Datasheet HTML 3Page - Qorvo, Inc RFSW1012 Datasheet HTML 4Page - Qorvo, Inc RFSW1012 Datasheet HTML 5Page - Qorvo, Inc RFSW1012 Datasheet HTML 6Page - Qorvo, Inc RFSW1012 Datasheet HTML 7Page - Qorvo, Inc RFSW1012 Datasheet HTML 8Page - Qorvo, Inc RFSW1012 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
RFSW1012
Broadband SPDT Switch
Datasheet Rev. L November 14, 2022 | Subject to change without notice
2 of 11
www.qorvo.com
®
Recommended Operating Conditions
Parameter
Min
Typ
Max Units
VDD
+2.7
+3.0
+4.6
V
TCASE
−40
+90
°C
Tj at MTTF>106 hrs
125
°C
Electrical specifications are measured at specified test conditions.
Specifications are not guaranteed over all recommended operating
conditions.
Absolute Maximum Ratings
Parameter
Rating
Storage Temperature
-
50 to 150 °C
VDD
+6 V
VEN, VCTRL
+3 V
Hot-
Switching Max Pin (50 Ω load)
20 dBm
Pin max (CW)
+31dBm (5-25MHz)
+34dBm (25-500MHz)
+37dBm (>500MHz)
+36dBm (>500MHz, 6:1VSWR)
Pin max (LTE, 9dB PAR, 1%, 105°C)
+32dBm (700-6000MHz, 2:1VSWR)
Operation of this device outside the parameter ranges given above may cause
permanent damage.
Electrical Specifications
– 50 Ω System
Test conditions, unless otherwise noted: Temp = 25°C, VDD = +3 V. All RF ports terminated in 50
Ω.
Parameter
Conditions
Min
Typ
Max
Units
Operational Frequency Range
5
6000
MHz
Insertion Loss
915MHz
0.25
0.45
dB
1980MHz
0.30
0.51
dB
2650MHz
0.40
dB
5850MHz
0.45
dB
Isolation, RFC-RFX
915MHz
38
45
dB
1980MHz
33
37
dB
2650MHz
29
33
dB
5850MHz
21
dB
Isolation (RF1-RF2)
915MHz
37
42
dB
1980MHz
30
35
dB
2650MHz
28
32
dB
5850MHz
21
dB
Return Loss (On-State)
>15
dB
Input IP3
2.2GHz, 24dBm per tone, 1MHz tone spacing
75
dBm
Input IP2
Tone 1: 836.5MHz at +26dBm; Tone 2: 1718MHz at -20dBm,
Rx freq: 881.5MHz
129
dBm
Tone 1: 1880MHz at +26dBm; Tone 2: 3840MHz at -20dBm,
Rx freq: 1960MHz
129
dBm
Max Operating Pin
5-25 MHz
, 50Ω load
30
dBm
25-
500 MHz, 50Ω load
33
dBm
>500 MHz, 50Ω load
36
dBm
P0.1dB
>100 MHz
41
dBm
Second Harmonic
900 MHz
-95
-75
dBc
1800 MHz
-95
-75
dBc
Third Harmonic
900 MHz
-90
-75
dBc
1800 MHz
-90
-75
dBc
Spurious Output
>5MHz, all ports terminated, no RF inputs
<-105
dBm
<5MHz, all ports terminated, no RF inputs
<-100
dBm
Max Input Power
<400 MHz, 50 Ω load
34
dBm
>400MHz, 50 Ω load
36
dBm
Device Voltage, VDD
2.7
3.0
4.6
V
Leakage Current, IDD
VEN = High
100
200
µA
VEN = Low
14
20
µA
Control Voltage (VEN, VCTRL)
Logic High
1.3
1.8
2.7
V
Logic Low
0
0.45
V
Control Current
VCTRL = High, VEN = High
2.5
5
µA
VCTRL = Low, VEN = High
1
3
µA
Switching Speed
50% Control to 10%/90% RF
2
5
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com