Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW1012 Datasheet(PDF) 3 Page - Qorvo, Inc

Part # RFSW1012
Description  Broadband SPDT Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFSW1012 Datasheet(HTML) 3 Page - Qorvo, Inc

  RFSW1012 Datasheet HTML 1Page - Qorvo, Inc RFSW1012 Datasheet HTML 2Page - Qorvo, Inc RFSW1012 Datasheet HTML 3Page - Qorvo, Inc RFSW1012 Datasheet HTML 4Page - Qorvo, Inc RFSW1012 Datasheet HTML 5Page - Qorvo, Inc RFSW1012 Datasheet HTML 6Page - Qorvo, Inc RFSW1012 Datasheet HTML 7Page - Qorvo, Inc RFSW1012 Datasheet HTML 8Page - Qorvo, Inc RFSW1012 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
RFSW1012
Broadband SPDT Switch
Datasheet Rev. L November 14, 2022 | Subject to change without notice
3 of 11
www.qorvo.com
®
Electrical Specifications
– 75 Ω System
Test conditions, unless otherwise noted: Temp = 25°C, VDD = +3 V. All RF ports terminated in 75
Ω.
Parameter
Conditions
Min
Typ
Max
Units
Operational Frequency Range
5
2500
MHz
Insertion Loss
5 MHz
0.15
dB
200 MHz
0.2
dB
915 MHz
0.3
0.45
dB
1980 MHz
0.35
0.5
dB
2200 MHz
0.45
dB
Isolation, RFC-RFX
5 MHz
70
dB
200 MHz
50
dB
915 MHz
36
dB
1980 MHz
28
dB
2200 MHz
26
dB
Isolation, RF1-RF2
5 MHz
>70
dB
200 MHz
>70
dB
915 MHz
48
dB
1980 MHz
34
dB
2200 MHz
32
dB
Return Loss (On-State)
Freq <1200 MHz
>15
dB
1200
– 2500 MHz
>13
dB
CSO
41dBmV/ch, 137 channels
>100
dBc
CTB
41dBmV/ch, 137 channels
>100
dBc
XMOD
41dBmV/ch, 137 channels
>90
dBc
Max Operating Input Power
5
– 25 MHz, 75 Ω load
30
dBm
25
– 500 MHz, 75 Ω load
33
dBm
>500 MHz, 75 Ω load
36
dBm
Logic Table
VCTRL
VEN
RFC-RF1
RFC-RF2
1
1
OFF
ON
0
1
ON
OFF
X
0
OFF
OFF
VDD = 2.7
– 4.6 V
Power Up/Down and Operational Controls
Scenario 1
Sequence for power up and power down from the phone battery or supply that is connected to
RFSW1012 VBATT Pin.
Power Up
Turn on VBATT (supply), then EN, then CTRL. Then (20mS or greater), apply RF signal
Power Down
Turn off RF signal, then CTRL, then EN, turn off VBATT (supply)
Scenario 2
Sequence for going in and out of a shutdown mode, keeping the VBATT or supply on,
but disabling
/enabling the RFSW1012 by the EN pin
Power Up
Turn on EN (enable), then CTRL, then (5mS or greater), turn on RF Signal
Power Down
Turn off RF signal, then CTRL, then EN (disable)
Scenario 3
When changing switch positions between RF1 and RF2, no RF signal should be applied to any RF
port while the CTRL is changing states
Switching Ports
Turn off RF signal, then change CTRL state, then wait (5mS or greater), then turn on RF signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com