Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW6032 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFSW6032
Description  Low Insertion High Isolation SP3T Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSW6032 Datasheet(HTML) 2 Page - RF Micro Devices

  RFSW6032 Datasheet HTML 1Page - RF Micro Devices RFSW6032 Datasheet HTML 2Page - RF Micro Devices RFSW6032 Datasheet HTML 3Page - RF Micro Devices RFSW6032 Datasheet HTML 4Page - RF Micro Devices RFSW6032 Datasheet HTML 5Page - RF Micro Devices RFSW6032 Datasheet HTML 6Page - RF Micro Devices RFSW6032 Datasheet HTML 7Page - RF Micro Devices RFSW6032 Datasheet HTML 8Page - RF Micro Devices RFSW6032 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
RF Micro Devices Inc. 7628 Thorndike Road, Greensboro, NC 27409-9421
DS140821
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
2 of 9
RFSW6032
Absolute Maximum Ratings
Parameter
Rating
Unit
Control Voltage (VCTL)
3.0
V
Supply Voltage (VDD)
6.0
V
Maximum CW Input Power for VDD = 3V
35
dBm
Max Input Power During Active Switching
27
dBm
Storage Temperature Range
-40 to +150
°C
ESD Rating - Human Body Model (HBM)
2000
V
Moisture Sensitivity Level
MSL2
Caution!
ESD sensitive device.
RFMD Green: RoHS status based on EU
Directive 2011/65/EU (at time of this
document revision), halogen free per IEC
61249-2-21, < 1000ppm each of
antimony trioxide in polymeric materials
and red phosphorus as a flame retardant,
and <2% antimony in solder.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Recommended Operating Condition
Parameter
Specification
Unit
Min
Typ
Max
Operating Temperature Range
-40
+85
°C
VDD – Switch Supply Voltage
3
5
5.5
V
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
General Performance
Electrical Specifications, TA = 25°C, VDD = 3V to 5V
Operating Frequency Range
5
6000
MHz
Insertion Loss (RFC to
RF1/RF2/RF3)
0.35
0.45
dB
925MHz
0.45
0.6
dB
1990MHz
0.5
0.7
dB
2650MHz
1.2
dB
5850MHz
Isolation (RFC to RF1/RF2/RF3)
36
dB
925MHz
29
dB
1990MHz
19
dB
2650MHz
15
dB
5850MHz
Isolation (RF1 to RF2/RF3)
35
40
dB
925MHz
30
37
dB
1990MHz
32
dB
2650MHz
19
dB
5850MHz
Return Loss (RF1/RF2 On-state)
23
dB
5MHz
~ 3GHz
14
dB
3GHz
~ 6GHz
900MHz Second Harmonic
-107
-85
dBc
Pin = 28dBm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com