Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW6032 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RFSW6032
Description  Low Insertion High Isolation SP3T Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSW6032 Datasheet(HTML) 8 Page - RF Micro Devices

  RFSW6032 Datasheet HTML 1Page - RF Micro Devices RFSW6032 Datasheet HTML 2Page - RF Micro Devices RFSW6032 Datasheet HTML 3Page - RF Micro Devices RFSW6032 Datasheet HTML 4Page - RF Micro Devices RFSW6032 Datasheet HTML 5Page - RF Micro Devices RFSW6032 Datasheet HTML 6Page - RF Micro Devices RFSW6032 Datasheet HTML 7Page - RF Micro Devices RFSW6032 Datasheet HTML 8Page - RF Micro Devices RFSW6032 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
RF Micro Devices Inc. 7628 Thorndike Road, Greensboro, NC 27409-9421
DS140821
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
8 of 9
RFSW6032
Pin Names and Descriptions
Pin
Name
Description
1
C2
Switch Logic Control 2
2
C1
Switch Logic Control 1
3
VDD
Supply Voltage
4
NC
Not Connected
5
GND
Low Inductance Path to Ground
6
RF3
Single-ended RF Port
7
ANT
Single-ended RF Port
8
GND
Low Inductance Path to Ground
9
RF1
Single-ended RF Port
10
GND
Low Inductance Path to Ground
11
RF2
Single-ended RF Port
12
GND
Low Inductance Path to Ground
Package Outline Drawing
(Dimensions in millimeters)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com