Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW6042 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFSW6042
Description  Low Insertion High Isolation SP4T Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSW6042 Datasheet(HTML) 3 Page - RF Micro Devices

  RFSW6042 Datasheet HTML 1Page - RF Micro Devices RFSW6042 Datasheet HTML 2Page - RF Micro Devices RFSW6042 Datasheet HTML 3Page - RF Micro Devices RFSW6042 Datasheet HTML 4Page - RF Micro Devices RFSW6042 Datasheet HTML 5Page - RF Micro Devices RFSW6042 Datasheet HTML 6Page - RF Micro Devices RFSW6042 Datasheet HTML 7Page - RF Micro Devices RFSW6042 Datasheet HTML 8Page - RF Micro Devices RFSW6042 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140821
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
3 of 12
RFSW6042
Parameter
Specification
Unit
Condition
Min
Typ
Max
900MHz Third Harmonic
-103
-90
dBc
2000MHz Second Harmonic
-100
-80
dBc
Pin = 33dBm
2000MHz Third Harmonic
-89
-77
dBc
Input IP3
71
dBm
2Ghz, 21dBm per tone, 1MHz spacing
Max Operational Input Power
35
dBm
Power Supply
VDD Supply Current
65
130
µA
CTL1, CTL2
– Control Voltage High
1.3
2.7
V
CTL1, CTL2
– Control Voltage Low
0
0.45
V
Control Current
5
µA
Switching Speed, One RF Port to
Another
2
5
us
10% to 90% RF
Turn On Time
20
us
Time for VDD = 0V to part ON and RF = 90%
Power-up / Power-down Sequence and Operation Controls
Power-up / Power-down
Sequence for Power-up and Power-down from Supply that is Connected to VDD Pin
Power-up
Turn on VDD, then C1 and C2, then (20µs or greater), apply RF signal
Power-down
Turn off RF signal, then C1 and C2, turn off VDD
Switching Ports
Turn off RF signal, then change C1 and C2 state, then (5µs or greater). Turn on RF signal
Switch is controlled by C1 and C2
Mode
C1
C2
RF1-ANT
High
Low
RF2-ANT
Low
High
RF3-ANT
High
High
RF4-ANT
Low
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com