Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW6042 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RFSW6042
Description  Low Insertion High Isolation SP4T Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSW6042 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RFSW6042 Datasheet HTML 4Page - RF Micro Devices RFSW6042 Datasheet HTML 5Page - RF Micro Devices RFSW6042 Datasheet HTML 6Page - RF Micro Devices RFSW6042 Datasheet HTML 7Page - RF Micro Devices RFSW6042 Datasheet HTML 8Page - RF Micro Devices RFSW6042 Datasheet HTML 9Page - RF Micro Devices RFSW6042 Datasheet HTML 10Page - RF Micro Devices RFSW6042 Datasheet HTML 11Page - RF Micro Devices RFSW6042 Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140821
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
9 of 12
RFSW6042
Evaluation Board Schematic 3000MHz to 6000MHz Application Circuit
Evaluation Board Bill of Materials (BOM) 3000MHz to 6000MHz Application Circuit
Description
Reference Designator
Manufacturer
Manufacturer's P/N
RFSW6032 Evaluation Board
RFSW6032-410
CAP, 100pF, 5%, 50V, C0G, 0402
C1-C2
Murata Electronics
GRM1555C1H101JA01D
CAP, 10000pF, 10%, 25V, X7R, 0402
C3
Murata Electronics
GRM155R71E103KA01D
CAP, 0.5pF, +/-0.25pF, 50V, C0G, 0402
C5
Murata Electronics
GRM1555C1HR50CA01D
RES, 0
Ω, 0402
R1-R3
Kamaya, Inc.
RMC1-16SJPTH
IND, 1nH, +/-0.1nH, T/F, 0201
L1
Murata Electronics
LQP03TG1N0B02D
CONN, SMA, END LNCH, MINI, FLT,
0.068”
J1-J5
Emerson Network Power
142-0741-851
CONN, HDR, ST, PLRZD, 5-
PIN, 0.100”
P1
ITW Pancon
MPSS100-5-C
High Power SP4T
U1
RFMD
RFSW6042



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com