Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW6062 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFSW6062
Description  Low Insertion High Isolation SP6T Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSW6062 Datasheet(HTML) 3 Page - RF Micro Devices

  RFSW6062 Datasheet HTML 1Page - RF Micro Devices RFSW6062 Datasheet HTML 2Page - RF Micro Devices RFSW6062 Datasheet HTML 3Page - RF Micro Devices RFSW6062 Datasheet HTML 4Page - RF Micro Devices RFSW6062 Datasheet HTML 5Page - RF Micro Devices RFSW6062 Datasheet HTML 6Page - RF Micro Devices RFSW6062 Datasheet HTML 7Page - RF Micro Devices RFSW6062 Datasheet HTML 8Page - RF Micro Devices RFSW6062 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140821
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
3 of 13
RFSW6062
Parameter
Specification
Unit
Condition
Min
Typ
Max
824MHz Third Harmonic
-89
-86
dBc
2000MHz Second Harmonic
-97
-91
dBc
2000MHz Third Harmonic
-86
-78
dBc
Input IP3
71
dBm
2Ghz, 21dBm per tone, 1MHz spacing
Max Operational Input Power
32
dBm
Power Supply
VDD Supply Current
65
120
µA
CTL1, CTL2
– Control Voltage High
1.3
2.7
V
CTL1, CTL2
– Control Voltage Low
0
0.45
V
Control Current
5
µA
Switching Speed, One RF Port to
Another
2
5
us
10% to 90% RF
Turn On Time
20
us
Time for VDD = 0V to part ON and RF = 90%
Power-up / Power-down Sequence and Operation Controls
Power-up / Power-down
Sequence for Power-up and Power-down from Supply that is Connected to VDD Pin
Power-up
Turn on VDD, then CTL1, CTL2, and CTL3 then (20µs or greater), apply RF signal
Power-down
Turn off RF signal, then CTL1, CTL2, and CTL3, then turn off VDD
Switching Ports
Turn off RF signal, then change CTL1, CTL2, and CTL3 state, then (5µs or greater). Turn on RF signal
Switch is controlled by CTL1, CTL2, and CTL3
Mode
CTL1
CTL2
CTL3
RF1-ANT
High
Low
Low
RF2-ANT
Low
High
Low
RF3-ANT
High
High
Low
RF4-ANT
Low
Low
High
RF5-ANT
High
Low
High
RF6-ANT
Low
High
High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com