Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW6062 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFSW6062
Description  Low Insertion High Isolation SP6T Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSW6062 Datasheet(HTML) 1 Page - RF Micro Devices

  RFSW6062 Datasheet HTML 1Page - RF Micro Devices RFSW6062 Datasheet HTML 2Page - RF Micro Devices RFSW6062 Datasheet HTML 3Page - RF Micro Devices RFSW6062 Datasheet HTML 4Page - RF Micro Devices RFSW6062 Datasheet HTML 5Page - RF Micro Devices RFSW6062 Datasheet HTML 6Page - RF Micro Devices RFSW6062 Datasheet HTML 7Page - RF Micro Devices RFSW6062 Datasheet HTML 8Page - RF Micro Devices RFSW6062 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140821
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 13
RFSW6062
Low Insertion High Isolation SP6T Switch
5MHz to 6000MHz
The RFSW6062 is a low loss, high isolation SP6T switch with
performance optimized for use in Cellular BTS applications. Plus it
is also ideally suited for use in CATV and SATV applications. This
part is packaged in a compact 2mm x 2mm, 14-pin, QFN package
which allows for a small solution size with no need for external DC
blocking capacitors (when no external DC is applied to the device
ports).
RFSW6062
RF2
ANT
VDD CTL1 CTL2
RF1
RF3
RF4
RF5
RF6
CTL3
Functional Block Diagram
Ordering Information
RFSW6062SQ
Sample bag with 25 pieces
RFSW6062SR
7" Reel with 100 pieces
RFSW6062TR7
7" Reel with 2500 pieces
RFSW6062PCK-410
5MHz to 3GHz PCBA with 5-piece sample bag
RFSW6062PCK-411
3GHz to 6GHz PCBA with 5-piece sample bag
Package: QFN, 14-pin,
2mm x 2mm
Features
■
5MHz to 6000MHz Operation
■
Excellent Insertion Loss and
Isolation Performance
■
Low Insertion Loss: 0.53dB at
2GHz
■
High Isolation: 27dB at 2GHz
■
High IP3: >70dBm at 2GHz
■
Compatible with Low Voltage Logic
(VHIGH Minimum = 1.3V)
■
No External DC Blocking
■
Capacitors Required on RF
Paths if DC is Applied
Externally
■
2000V HBM ESD Rating on All
Ports
■
3V to 5V Operation
Applications
■
Cellular BTS
■
CATV, SATV Applications
■
Test Equipment
■
General Purpose Switch
RFSW6062


Similar Part No. - RFSW6062

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSW6023 RFMD-RFSW6023 Datasheet
660Kb / 10P
25dB Isolation at 2GHz
RFSW6024 RFMD-RFSW6024 Datasheet
1Mb / 13P
300MHz to 6000MHz Operation
logo
Qorvo, Inc
RFSW6024 QORVO-RFSW6024 Datasheet
1Mb / 13P
5MHz to 6GHz Absorptive High Isolation SPDT Switch
April 21, 2023
RFSW6024 PCK-410 QORVO-RFSW6024 PCK-410 Datasheet
1Mb / 13P
5MHz to 6GHz Absorptive High Isolation SPDT Switch
April 21, 2023
RFSW6024TR13 QORVO-RFSW6024TR13 Datasheet
1Mb / 13P
5MHz to 6GHz Absorptive High Isolation SPDT Switch
April 21, 2023
More results

Similar Description - RFSW6062

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
100C1286 DAICO-100C1286 Datasheet
28Kb / 1P
High Isolation PIN Diode SP6T
100C1296 DAICO-100C1296 Datasheet
28Kb / 1P
High Isolation PIN Diode SP6T
logo
RF Micro Devices
RFSW6032 RFMD-RFSW6032 Datasheet
846Kb / 9P
Low Insertion High Isolation SP3T Switch
RFSW6042 RFMD-RFSW6042 Datasheet
1Mb / 12P
Low Insertion High Isolation SP4T Switch
logo
Pasternack Enterprises,...
PE71S6186 PASTERNACK-PE71S6186 Datasheet
424Kb / 4P
SP6T Switch
PE71S6187 PASTERNACK-PE71S6187 Datasheet
418Kb / 4P
SP6T Switch
PE71S6189 PASTERNACK-PE71S6189 Datasheet
458Kb / 4P
SP6T Switch
PE71S6197 PASTERNACK-PE71S6197 Datasheet
452Kb / 4P
SP6T Switch
logo
Mini-Circuits
MSP6T-12-12D MINI-MSP6T-12-12D Datasheet
377Kb / 3P
SP6T Switch
MSP6TA-12D MINI-MSP6TA-12D Datasheet
327Kb / 3P
SP6T Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com