Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW6132 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFSW6132
Description  SP3T Symmetric Switch, 10MHz to 6000MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSW6132 Datasheet(HTML) 2 Page - RF Micro Devices

  RFSW6132 Datasheet HTML 1Page - RF Micro Devices RFSW6132 Datasheet HTML 2Page - RF Micro Devices RFSW6132 Datasheet HTML 3Page - RF Micro Devices RFSW6132 Datasheet HTML 4Page - RF Micro Devices RFSW6132 Datasheet HTML 5Page - RF Micro Devices RFSW6132 Datasheet HTML 6Page - RF Micro Devices RFSW6132 Datasheet HTML 7Page - RF Micro Devices RFSW6132 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131125
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
2 of 8
RFSW6132
Absolute Maximum Ratings
Parameter
Rating
Unit
Control Voltage (V1, V2, V3)
6
V
Maximum CW Input Power for 3V Control
31
dBm
Maximum CW Input Power for 5V Control
32
dBm
Operating Temperature Range
-40 to +85
°C
Storage Temperature Range
-40 to +150
°C
Maximum Junction Temperature
+150
°C
ESD Rating - Human Body Model (HBM)
Class 1A (250)
V
Moisture Sensitivity Level
MSL3
Caution! ESD sensitive device.
RFMD Green: RoHS status based on EU
Directive 2011/65/EU (at time of this
document revision), halogen free per IEC
61249-2-21, < 1000ppm each of
antimony trioxide in polymeric materials
and red phosphorus as a flame retardant,
and <2% antimony in solder.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
General Performance
TA=25°C, 100pF EVB DC blocks, 3V unless otherwise noted.
Insertion Loss (RFC to
RF1/RF2/RF3)
0.5
dB
1GHz
0.5
0.7
dB
2GHz
0.7
dB
4GHz
0.8
dB
5.85GHz
Isolation (RFC to RF1/RF2/RF3)
31
dB
1GHz
25
27
dB
2GHz
22
dB
4GHz
22
dB
5.85GHz
Isolation (RF1-RF2, RF1-RF3,
RF2-RF3)
32
dB
1GHz
27
dB
2GHz
25
dB
4GHz
25
dB
5.85GHz
Return Loss (On-state)
>20
dB
1GHz
>20
dB
2GHz
>18
dB
4GHz
>15
dB
5.85GHz
IP0.1dB
27
dBm
3.0V, 2.2GHz
31
dBm
5.0V, 2.2GHz
Input IP3 (900MHz)
53
dBm
17dBm input power/tone, 1MHz spacing, 3.3V
TON, TOFF
25
ns
50% VCC to 10/90% RF, +10dBm input power
TRISE, TFALL
20
Ns
10/90% RF, 10dBm input power



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com