Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW6132 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFSW6132
Description  SP3T Symmetric Switch, 10MHz to 6000MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSW6132 Datasheet(HTML) 1 Page - RF Micro Devices

  RFSW6132 Datasheet HTML 1Page - RF Micro Devices RFSW6132 Datasheet HTML 2Page - RF Micro Devices RFSW6132 Datasheet HTML 3Page - RF Micro Devices RFSW6132 Datasheet HTML 4Page - RF Micro Devices RFSW6132 Datasheet HTML 5Page - RF Micro Devices RFSW6132 Datasheet HTML 6Page - RF Micro Devices RFSW6132 Datasheet HTML 7Page - RF Micro Devices RFSW6132 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131125
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 8
RFSW6132
SP3T Symmetric Switch, 10MHz to 6000MHz
The RFSW6132 is a GaAs pHEMT single-pole three-throw (SP3T)
switch designed for use in cellular, 3G, LTE, and other high
performance communications systems. It offers a symmetric
topology with excellent linearity and power handling capability.
The RFSW6132 is 3V and 5V positive logic compatible.
RF3
V2
V3
RF2
RF1
V1
RFC
1
6
3
7
4
5
8
Functional Block Diagram
Ordering Information
RFSW6132SQ
Sample bag with 25 pieces
RFSW6132SR
7" Reel with 100 pieces
RFSW6132TR7
7" Reel with 2500 pieces
RFSW6132PCK-410
10MHz to 6000MHz PCBA with 5-piece sample
bag
Package: DFN, 8-pin,
2.0mm x 2.0mm
Features
■
10MHz to 6000MHz Operation
■
Symmetric SP3T
■
Low Loss: 0.5dB at 2GHz Typical
■
Isolation: 27dB at 2GHz Typical
■
High IP3: 56dBm
■
P0.1dB: 31dBm (5V, 2.2GHz)
■
Positive Logic Control
■
3V and 5V Logic Compatible
Applications
■
Cellular, 3G, LTE Infrastructure
■
Automotive
■
Wireless Backhaul
■
High Performance Communication
Systems
■
GMSK, QPSK, DQPSK, QAM
Modulation
RFSW6132


Similar Part No. - RFSW6132

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSW6124 RFMD-RFSW6124 Datasheet
1Mb / 14P
Absorptive High Isolation SPDT Switch
More results

Similar Description - RFSW6132

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBKG-T-3-10-500-A AAC-JXWBKG-T-3-10-500-A Datasheet
97Kb / 1P
SP3T Switch
logo
API Technologies Corp
310-021008-001 APITECH-310-021008-001 Datasheet
200Kb / 1P
SP3T SWITCH
logo
RF Micro Devices
RFSW6223 RFMD-RFSW6223 Datasheet
818Kb / 8P
DPDT SYMMETRIC SWITCH
RFSW8001 RFMD-RFSW8001 Datasheet
139Kb / 6P
Symmetric SP3T Switch
RFSW8005 RFMD-RFSW8005 Datasheet
424Kb / 6P
SP3T Switch
RFSW8006Q RFMD-RFSW8006Q Datasheet
167Kb / 6P
Symmetric SP3T Switch
logo
California Eastern Labs
CG2430X1 CEL-CG2430X1 Datasheet
831Kb / 8P
0.1 to 6.0GHz SP3T Switch
CG2430X1 CEL-CG2430X1_16 Datasheet
835Kb / 9P
0.1 to 6.0GHz SP3T Switch
logo
BeRex Corporation
BSW7221 BEREX-BSW7221 Datasheet
1Mb / 11P
10MHz-6000MHz Low Loss / Fast Switching SPDT RF switch
logo
California Eastern Labs
CG2430X1 CEL-CG2430X1_17 Datasheet
788Kb / 10P
0.1 to 6.0GHz SP3T Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com