Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW6222 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFSW6222
Description  Differential SPDT or Dual SPDT Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSW6222 Datasheet(HTML) 2 Page - RF Micro Devices

  RFSW6222 Datasheet HTML 1Page - RF Micro Devices RFSW6222 Datasheet HTML 2Page - RF Micro Devices RFSW6222 Datasheet HTML 3Page - RF Micro Devices RFSW6222 Datasheet HTML 4Page - RF Micro Devices RFSW6222 Datasheet HTML 5Page - RF Micro Devices RFSW6222 Datasheet HTML 6Page - RF Micro Devices RFSW6222 Datasheet HTML 7Page - RF Micro Devices RFSW6222 Datasheet HTML 8Page - RF Micro Devices RFSW6222 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS141028
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
2 of 9
RFSW6222
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage in Operating Mode
3.9
V
Control Voltage (Digital Inputs)
3.0
dBm
Maximum Input Power
Momentary Infrequent Occurrence
+38 (50
Ω)
+36 (6:1 VSWR)
dBm
Continuous Operation
+36 (50
Ω)
+35 (6:1 VSWR)
dBm
Storage Temperature
-65 to +150
°C
ESD Rating - Human Body Model (HBM)
Class 2
V
Moisture Sensitivity Level
MSL1
Caution! ESD sensitive device.
RFMD Green: RoHS status based on EU
Directive 2011/65/EU (at time of this
document revision), halogen free per IEC
61249-2-21, < 1000ppm each of antimony
trioxide in polymeric materials and red
phosphorus as a flame retardant, and
<2% antimony in solder.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Recommended Operating Condition
Parameter
Specification
Unit
Min
Typ
Max
Operating Temperature Range
-30
25
+90
°C
Operating Junction Temperature
°C
Switch Supply Voltage
2.4
2.8
3.5
V
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
Nominal Test Conditions Unless Otherwise State. VDD = 2.8V,
VHIGH / VLOW = 1.8V / 0V, Temp = 25°C, 50Ω, Single-ended Data
Frequency Range
50
2700
MHz
Insertion Loss (RFX to RFXA/B)
0.26
0.40
dB
700MHz to 960MHz
0.26
0.45
dB
961MHz to 1710MHz
0.27
0.45
dB
1711MHz to 2170MHz
0.29
0.50
dB
2171MHz to 2700MHz
Isolation (RF1 to RF1A/B)
31
40
dB
700MHz to 960MHz
25
36
dB
961MHz to 1710MHz
25
30
dB
1711MHz to 2170MHz
25
30
dB
2171MHz to 2700MHz
Isolation (RF2 to RF2A/B)
31
40
dB
700MHz to 960MHz
25
35
dB
961MHz to 1710MHz
25
32
dB
1711MHz to 2170MHz
25
29
dB
2171MHz to 2700MHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com