Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW6222 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFSW6222
Description  Differential SPDT or Dual SPDT Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSW6222 Datasheet(HTML) 3 Page - RF Micro Devices

  RFSW6222 Datasheet HTML 1Page - RF Micro Devices RFSW6222 Datasheet HTML 2Page - RF Micro Devices RFSW6222 Datasheet HTML 3Page - RF Micro Devices RFSW6222 Datasheet HTML 4Page - RF Micro Devices RFSW6222 Datasheet HTML 5Page - RF Micro Devices RFSW6222 Datasheet HTML 6Page - RF Micro Devices RFSW6222 Datasheet HTML 7Page - RF Micro Devices RFSW6222 Datasheet HTML 8Page - RF Micro Devices RFSW6222 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS141028
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
3 of 9
RFSW6222
Parameter
Specification
Unit
Condition
Min
Typ
Max
Continued
Nominal Test Conditions Unless Otherwise State. VDD = 2.8V,
VHIGH / VLOW = 1.8V / 0V, Temp = 25°C, 50Ω, Single-ended Data
IP3
70
dBm
700MHz to 2700MHz, 35dBm
Harmonics
2fo
-79
dBc
PIN = 26dBm, fo = 787MHz, 50Ω
3fo
-84
dBc
PIN = 26dBm, fo = 710MHz, 50Ω
2fo
-84
-107
dBc
PIN = 26dBm, fo = 915MHz, 50Ω
3fo
-84
-106
dBc
2fo
-76
-103
dBc
PIN = 35dBm, fo = 915MHz, 50Ω
3fo
-76
-90
dBc
2fo
-86
-105
dBc
PIN = 26dBm, fo = 1980MHz, 50Ω
3fo
-86
-105
dBc
2fo
-76
-99
dBc
PIN = 32dBm, fo = 1980MHz, 50Ω
3fo
-76
-94
dBc
2fo
-86
-108
dBc
PIN = 26dBm, fo = 2570MHz, 50Ω
3fo
-86
-109
dBc
2fo
-86
-109
dBc
PIN = 26dBm, fo = 2690MHz, 50Ω
3fo
-86
-105
dBc
VSWR
1.1
1.3
700MHz to 960MHz
961MHz to 1710MHz
1711MHz to 2170MHz
2171MHz to 2700MHz
Phase Balance
-5
+5
Deg
Operating Environment,
Supply and Control
Nominal Test Conditions Unless Otherwise State. VDD = 2.8V,
VHIGH / VLOW = 1.8V / 0V, Temp = 25°C, 50Ω
VDD Supply Current
90
110
µA
LVC1-3, HVC1-3
– Control Voltage
High
1.3
1.8
2.7
V
LVC1-3, HVC1-3
– Control Voltage
Low
0
0.45
V
Control Current
1
µA
Switching Speed
5
µs
10% to 90% RF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com