Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW8001 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFSW8001
Description  Symmetric SP3T Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSW8001 Datasheet(HTML) 2 Page - RF Micro Devices

  RFSW8001 Datasheet HTML 1Page - RF Micro Devices RFSW8001 Datasheet HTML 2Page - RF Micro Devices RFSW8001 Datasheet HTML 3Page - RF Micro Devices RFSW8001 Datasheet HTML 4Page - RF Micro Devices RFSW8001 Datasheet HTML 5Page - RF Micro Devices RFSW8001 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140120
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
2 of 6
RFSW8001
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
5.0
V
ESD Human Body Model (HBM)
2000
V
ESD Charged Device Model (CDM)
1000
V
Operating Case Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Moisture Sensitivity Level
MSL2
Caution! ESD sensitive device.
RFMD Green: RoHS status based on EU
Directive 2011/65/EU (at time of this
document revision), halogen free per IEC
61249-2-21, < 1000ppm each of antimony
trioxide in polymeric materials and red
phosphorus as a flame retardant, and
<2% antimony in solder.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
Operating Parameters
Frequency
100
4000
MHz
VDD
2.7
3.6
4.8
V
Switch Control Voltage: Low
0
0.20
V
Switch Control Voltage: High
1.2
4.8
V
RF1 – ANT
VDD = 3.6V; CRF1 = 1.2V to 4.8V; T = -40°C to 85°C;
2412MHz to 2484MHz; Unless otherwise noted
Insertion Loss
0.5
dB
T = 25°C
0.5
1
dB
Input Return Loss
20
15
dB
Output Return Loss
20
15
dB
RF1 to RF2 Isolation
24
27
dB
Measured ANT - RF2
26
29
dB
Measured RF2 - RF1
RF1 to RF3 Isolation
27
30
dB
Measured ANT – RF3
29
32
dB
Measured RF1 - RF3
RF2 – ANT
VDD = 3.6V; CRF2 = 1.2V to 4.8V; T = -40°C to 85°C;
2412MHz to 2484MHz; Unless otherwise noted
Insertion Loss
0.5
dB
T = 25°C
0.5
1
dB
Input Return Loss
20
15
dB
Output Return Loss
20
15
dB
RF2 to RF1 Isolation
25
28
dB
Measured ANT - RF1
29
32
dB
Measured RF2 – RF1
RF2 to RF3 Isolation
28
31
dB
Measured ANT - RF3
28
31
dB
Measured RF2 to RF3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com