Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW8001 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFSW8001
Description  Symmetric SP3T Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSW8001 Datasheet(HTML) 1 Page - RF Micro Devices

  RFSW8001 Datasheet HTML 1Page - RF Micro Devices RFSW8001 Datasheet HTML 2Page - RF Micro Devices RFSW8001 Datasheet HTML 3Page - RF Micro Devices RFSW8001 Datasheet HTML 4Page - RF Micro Devices RFSW8001 Datasheet HTML 5Page - RF Micro Devices RFSW8001 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140120
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 6
RFSW8001
11b/g/n/ac WiFi SP3T Switch
The RFSW8001 is a single pole triple throw (SP3T) SOI switch in
a 1.5mm x 1.5mm x 0.45mm, Pb-Free, 8-pin package. This switch
is capable of switching between WiFi Rx, WiFi Tx, and Bluetooth
Rx/Tx operations. The RFSW8001 can also be placed in WiFi and
Bluetooth modes simultaneously with a slight increase in insertion
loss.
This device meets or exceeds the RF switch needs of
IEEE802.11b/g/n/ac WiFi RF systems.
1
2
3
4
CRF1
CRF2
5
6
7
RF1
CRF3
RF3
RF2
8
VDD
ANT
Functional Block Diagram
Ordering Information
RFSW8001SQ
Standard 25 piece bag
RFSW8001SR
Standard 100 piece bag
RFSW8001TR7
Standard 2500 piece reel
RFSW8001PCK-410
Fully assembled evaluation board w/5 piece bag
Package: DFN, 8-pin,
1.5mm x 1.5mm x 0.45mm
Features
■ Symmetric SP3T Switch
■ Switch Control Voltage 1.2V to
4.8V
■ Low Insertion Loss 0.6dB (2.4GHz)
■ Isolation: 27dB (2.4GHz)
■ P0.1dB: 27dBm (3.6V)
Applications
■ IEEE802.11b/g/n/ac WiFi
Applications
■ WiFi/Bluetooth® Combination
Devices
■ GMSK, QPSK, DQPSK, QAM
Modulation
■ High Performance Communication
Systems
■ Wireless Backhaul
■ WiBro, WiMAX, LTE
RFSW8001


Similar Part No. - RFSW8001

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSW8000 RFMD-RFSW8000 Datasheet
499Kb / 6P
10W SPDT SWITCH
RFSW8005 RFMD-RFSW8005 Datasheet
424Kb / 6P
SP3T Switch
RFSW8006Q RFMD-RFSW8006Q Datasheet
167Kb / 6P
Symmetric SP3T Switch
logo
Qorvo, Inc
RFSW8008 QORVO-RFSW8008 Datasheet
380Kb / 7P
Wi-Fi SPDT Switch 300MHz to 5925MHz
RFSW8008PCK-410 QORVO-RFSW8008PCK-410 Datasheet
380Kb / 7P
Wi-Fi SPDT Switch 300MHz to 5925MHz
More results

Similar Description - RFSW8001

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGS2303-EEU TRIQUINT-TGS2303-EEU Datasheet
199Kb / 3P
SP3T PIN Switch
logo
Spectrum Microwave, Inc...
310-021008-001 SPECTRUM-310-021008-001 Datasheet
92Kb / 1P
SP3T SWITCH
logo
American Accurate Compo...
JXWBKG-T-3-10-500-A AAC-JXWBKG-T-3-10-500-A Datasheet
97Kb / 1P
SP3T Switch
logo
API Technologies Corp
310-021008-001 APITECH-310-021008-001 Datasheet
200Kb / 1P
SP3T SWITCH
logo
RF Micro Devices
RF5570 RFMD-RF5570 Datasheet
939Kb / 9P
SP3T Switch
RFSW6132 RFMD-RFSW6132 Datasheet
458Kb / 8P
SP3T Symmetric Switch, 10MHz to 6000MHz
RFSW6223 RFMD-RFSW6223 Datasheet
818Kb / 8P
DPDT SYMMETRIC SWITCH
RFSW8005 RFMD-RFSW8005 Datasheet
424Kb / 6P
SP3T Switch
RFSW8006Q RFMD-RFSW8006Q Datasheet
167Kb / 6P
Symmetric SP3T Switch
logo
M/A-COM Technology Solu...
MASW-008955 MA-COM-MASW-008955_15 Datasheet
642Kb / 5P
GaAs SP3T Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com