Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLBT2016 Datasheet(PDF) 1 Page - P-tec Corporation

Part # PLBT2016
Description  High Power 2016 SMD LED
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PLBT2016 Datasheet(HTML) 1 Page - P-tec Corporation

  PLBT2016 Datasheet HTML 1Page - P-tec Corporation PLBT2016 Datasheet HTML 2Page - P-tec Corporation PLBT2016 Datasheet HTML 3Page - P-tec Corporation PLBT2016 Datasheet HTML 4Page - P-tec Corporation PLBT2016 Datasheet HTML 5Page - P-tec Corporation PLBT2016 Datasheet HTML 6Page - P-tec Corporation PLBT2016 Datasheet HTML 7Page - P-tec Corporation PLBT2016 Datasheet HTML 8Page - P-tec Corporation PLBT2016 Datasheet HTML 9Page - P-tec Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
www.p-tec.net
102014 Rev0 JAS
Page 1 of 16
PRODUCT SPECIFICATION
Part Number
PLBT2016 White Series
Details
• High Power 2016 SMD LED
• 2.0 x 1.6 x 0.70mm
• 1,000 piece reels
• Emitting Color: White
• InGaN based phosphor-converted LED
Features
• Typical viewing angle 50% Iv: 120°
• Binning based on ANSI C78.377
• ROHS and REACH-compliant
• MSL 3 qualified according to J-STD 020
• ESD 2KV (HBM : MIL-STD-883 Class 2)
Mechanical Dimensions
Notes:
1.
Dimension in millimeter [inch], and tolerance is ±0.13mm unless otherwise noted.
2.
Specifications subject to change.


Similar Part No. - PLBT2016

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PLBT3014 P-TEC-PLBT3014 Datasheet
718Kb / 8P
Thin 0.80mm SMD
PLBT3014-W P-TEC-PLBT3014-W Datasheet
843Kb / 8P
Thin 0.80mm SMD
PLBT3528-WCNW P-TEC-PLBT3528-WCNW Datasheet
3Mb / 13P
3.5 x 2.8 x 1.9mm SMD LED
PLBT3528-YDCW1 P-TEC-PLBT3528-YDCW1 Datasheet
1Mb / 13P
Single Color Surface Mount LED
PLBT3535HPC-WCB17 P-TEC-PLBT3535HPC-WCB17 Datasheet
2Mb / 15P
MSL2 qualified according to J-STD 020
More results

Similar Description - PLBT2016

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL0087-WCB P-TEC-PL0087-WCB Datasheet
33Kb / 1P
High Power SMD LED
PL0087-WCW P-TEC-PL0087-WCW Datasheet
33Kb / 1P
High Power SMD LED
PL0087-WCG P-TEC-PL0087-WCG Datasheet
33Kb / 1P
High Power SMD LED
PL0087-WCR P-TEC-PL0087-WCR Datasheet
33Kb / 1P
High Power SMD LED
PL0087-WCWW P-TEC-PL0087-WCWW Datasheet
33Kb / 1P
High Power SMD LED
PL0087-WCY P-TEC-PL0087-WCY Datasheet
33Kb / 1P
High Power SMD LED
PL1010SN-WCCW P-TEC-PL1010SN-WCCW Datasheet
32Kb / 1P
High Power White SMD LED
PL1011SN-WCCW P-TEC-PL1011SN-WCCW Datasheet
33Kb / 1P
High Power White SMD LED
logo
OSRAM GmbH
SFH-4258 OSRAM-SFH-4258 Datasheet
448Kb / 13P
2016-09-23
logo
American Bright OPTOELE...
AB-2016E2-KKF80 AMERICANBRIGHT-AB-2016E2-KKF80 Datasheet
792Kb / 11P
High efficacy 2016 EMC white LED
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com