Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLBT2016 Datasheet(PDF) 2 Page - P-tec Corporation

Part # PLBT2016
Description  High Power 2016 SMD LED
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PLBT2016 Datasheet(HTML) 2 Page - P-tec Corporation

  PLBT2016 Datasheet HTML 1Page - P-tec Corporation PLBT2016 Datasheet HTML 2Page - P-tec Corporation PLBT2016 Datasheet HTML 3Page - P-tec Corporation PLBT2016 Datasheet HTML 4Page - P-tec Corporation PLBT2016 Datasheet HTML 5Page - P-tec Corporation PLBT2016 Datasheet HTML 6Page - P-tec Corporation PLBT2016 Datasheet HTML 7Page - P-tec Corporation PLBT2016 Datasheet HTML 8Page - P-tec Corporation PLBT2016 Datasheet HTML 9Page - P-tec Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
www.p-tec.net
102014 Rev0 JAS
Page 2 of 16
Device Selection Guide
Model Number
Material
Typical
CCT °K
Emitting
Color
Luminous
Flux (lm)
Wattage
Basic Order
Code
Group
Min
PLBT2016.2-YDCW
InGaN
4746-7040
Cool White
B30
75
0.2
B31
80
B32
90
B33
100
PLBT2016.5-YDCW
4746-6530
Cool White
B18
24
0.5
B19
26
B20
28
B21
30
PLBT20161W-YDCW
4746-7040
Cool White
B22
35
1.0
B23
40
B24
45
B25
50
Absolute Maximum Ratings at Ta=25°C
PLBT2016.2-YDCW
Parameter
Symbol
Rating
Unit
Power Dissipation
PD
0.2
W
Continuous Forward Current
IAF
60
mA
Pulsed Forward Current
IFP
500 (Note1)
mA
Reverse Voltage
Vr
-5
V
Dice Temperature
Tj
115°
°C
Operating Temperature
Topr
-40~+85
°C
Storage Temperature
Tstg
-40~+100
°C
Soldering Temperature
Tsol
240°for5sec
°C
PLBT2016.5-YDCW
Parameter
Symbol
Rating
Unit
Power Dissipation
PD
0.5
W
Continuous Forward Current
IAF
100
mA
Pulsed Forward Current
IFP
500 (Note1)
mA
Reverse Voltage
Vr
-5
V
Dice Temperature
Tj
115°
°C
Operating Temperature
Topr
-40~+85
°C
Storage Temperature
Tstg
-40~+100
°C
Soldering Temperature
Tsol
240°for5sec
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com