Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFVC6405 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFVC6405
Description  Octave Bandwidth Voltage Controlled Oscillator 2000MHz to 4000MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFVC6405 Datasheet(HTML) 2 Page - RF Micro Devices

  RFVC6405 Datasheet HTML 1Page - RF Micro Devices RFVC6405 Datasheet HTML 2Page - RF Micro Devices RFVC6405 Datasheet HTML 3Page - RF Micro Devices RFVC6405 Datasheet HTML 4Page - RF Micro Devices RFVC6405 Datasheet HTML 5Page - RF Micro Devices RFVC6405 Datasheet HTML 6Page - RF Micro Devices RFVC6405 Datasheet HTML 7Page - RF Micro Devices RFVC6405 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS141104
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
2 of 8
RFVC6405
PROPOSED
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (VCC)
5.0
V
Control Voltage
0 to 16
V
DC Voltage on RFOUT
25
V
Operating Temperature Range
-40 to +85
°C
Storage Temperature Range
-55 to +125
°C
ESD Rating - Human Body Model (HBM)
TBD
Moisture Sensitivity Level
MSL1
Caution! ESD sensitive device.
RFMD RoHS (Restriction of Hazardous
Substances): Compliant per EU Directive
2011/65/EU.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
General Performance
Specifications: -40°C to 85°C
Frequency
2000
4000
MHz
Tuning Voltage
0.5
16
V
Tuning Sensitivity
150
MHz/V
Output Power
-3
0
3
dBm
2
nd Harmonic
-15
dBc
SBB Phase Noise at 1kHz Offset
-60
-55
dBc/Hz
SBB Phase Noise at 10kHz Offset
-90
-85
dBc/Hz
SBB Phase Noise at 100kHz
Offset
-112
-105
dBc/Hz
SBB Phase Noise at 1MHz Offset
-132
-120
dBc/Hz
Power Supply
5
V
Supply Current
23
30
mA
Frequency Pushing (3.15V to
3.45V)
4
MHz/V
Frequency Pushing (12dB RL)
4
MHz, p-p
Tuning Port Capacitance
18
pF
Output Impedance
50
Ω
Modulation BW
1000
kHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com