Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFVC6405 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFVC6405
Description  Octave Bandwidth Voltage Controlled Oscillator 2000MHz to 4000MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFVC6405 Datasheet(HTML) 1 Page - RF Micro Devices

  RFVC6405 Datasheet HTML 1Page - RF Micro Devices RFVC6405 Datasheet HTML 2Page - RF Micro Devices RFVC6405 Datasheet HTML 3Page - RF Micro Devices RFVC6405 Datasheet HTML 4Page - RF Micro Devices RFVC6405 Datasheet HTML 5Page - RF Micro Devices RFVC6405 Datasheet HTML 6Page - RF Micro Devices RFVC6405 Datasheet HTML 7Page - RF Micro Devices RFVC6405 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS141104
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 8
PROPOSED
RFVC6405
RFVC6405
Octave Bandwidth Voltage Controlled Oscillator
2000MHz to 4000MHz
The RFVC6405 is an octave bandwidth Voltage Controlled
Oscillator (VCO) designed for high performance transceiver
applications.
Functional Block Diagram
Ordering Information
RFVC6405
Call us at 1.480.756.6070
Package: 16-pin,
12.7mm x 12.7mm x 4.57mm
Features
■
Octave Bandwidth 2000MHz to
4000MHz
■
-112dBc/Hz Typical at 100kHz
Offset
■
POUT 0dBm Typical
■
5V Supply
■
23mA Current Consumption
Applications
■
Test and Measurement
Instrumentation
■
Wideband Radios for Military and
Commercial Applications
RFVC6405


Similar Part No. - RFVC6405

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFVC6406 RFMD-RFVC6406 Datasheet
1,000Kb / 8P
Octave Bandwidth Voltage Controlled Oscillator 2000MHz to 4000MHz
More results

Similar Description - RFVC6405

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFVC6406 RFMD-RFVC6406 Datasheet
1,000Kb / 8P
Octave Bandwidth Voltage Controlled Oscillator 2000MHz to 4000MHz
UMS-50-R16-G RFMD-UMS-50-R16-G Datasheet
260Kb / 3P
OCTAVE BAND VOLTAGE CONTROLLED OSCILLATOR
UMS-150-R16-G RFMD-UMS-150-R16-G Datasheet
260Kb / 3P
OCTAVE BAND VOLTAGE CONTROLLED OSCILLATOR
UMS-200-R16-G RFMD-UMS-200-R16-G Datasheet
260Kb / 3P
OCTAVE BAND VOLTAGE CONTROLLED OSCILLATOR
UMS-300-R16-G RFMD-UMS-300-R16-G Datasheet
260Kb / 3P
OCTAVE BAND VOLTAGE CONTROLLED OSCILLATOR
UMS-400-R16-G RFMD-UMS-400-R16-G Datasheet
260Kb / 3P
OCTAVE BAND VOLTAGE CONTROLLED OSCILLATOR
UMS-800-A16-G RFMD-UMS-800-A16-G Datasheet
261Kb / 3P
OCTAVE BAND VOLTAGE CONTROLLED OSCILLATOR
UMS-1200-A16-G RFMD-UMS-1200-A16-G Datasheet
261Kb / 3P
OCTAVE BAND VOLTAGE CONTROLLED OSCILLATOR
UMS-1400-A16-G RFMD-UMS-1400-A16-G Datasheet
261Kb / 3P
OCTAVE BAND VOLTAGE CONTROLLED OSCILLATOR
UMS-2000-A16-G RFMD-UMS-2000-A16-G Datasheet
261Kb / 3P
OCTAVE BAND VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com