Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGC4263Z Datasheet(PDF) 2 Page - RF Micro Devices

Part # SGC4263Z
Description  50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGC4263Z Datasheet(HTML) 2 Page - RF Micro Devices

  SGC4263Z Datasheet HTML 1Page - RF Micro Devices SGC4263Z Datasheet HTML 2Page - RF Micro Devices SGC4263Z Datasheet HTML 3Page - RF Micro Devices SGC4263Z Datasheet HTML 4Page - RF Micro Devices SGC4263Z Datasheet HTML 5Page - RF Micro Devices SGC4263Z Datasheet HTML 6Page - RF Micro Devices SGC4263Z Datasheet HTML 7Page - RF Micro Devices SGC4263Z Datasheet HTML 8Page - RF Micro Devices SGC4263Z Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2 of 9
DS140502
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGC4263Z
Typical RF Performance with Application Circuit at Key Operating Frequencies (App Circuit Data Unless Noted Otherwise)
Typical Performance with Bias Tee, VD=3V, ID=55mA
Absolute Maximum Ratings
Parameter
Rating
Unit
Max Device Current (ID)110
mA
Max Device Voltage (VD)4
V
Max RF Input Power1
12
dBm
Max RF Input Power2
18
dBm
Max Junction Temp (TJ)+150
°C
Operating Temp Range (TL)
-40 to +85
°C
Max Storage Temp
+150
°C
ESD Rating - Human Body Model
(HBM)
Class 1C
Moisture Sensitivity Level
MSL 1
Notes
1. Load condition: VSWR ≤ 10:1; VCC ≤ 3.5V
2. Load condition: VSWR ≤ 3:1; VCC ≤ 3.2V
Operation of this device beyond any one of these limits may cause permanent
damage. For reliable continuous operation, the device voltage and current must not
exceed the maximum operating values specified in the table on page one.
Bias Conditions should also satisfy the following expression:
IDVD<(TJ-TL)/RTH, j-l and TL=Source Lead Temperature
Parameter
Unit
*100
MHz
500
MHz
850
MHz
1950
MHz
2500
MHz
*3500
MHz
Small Signal Gain (G)
dB
15.4
15.0
14.7
14.0
13.1
11.6
Output Third Order Intercept Point (OIP3)
dBm
33.0
32.0
30.5
30.0
29.5
27.0
Output Power at 1dB Compression (P1dB)
dBm
15.4
15.2
15.1
15.1
15.3
14.3
Input Return Loss (IRL)
dB
14.5
16.0
21.5
23.5
16.0
13.0
Output Return Loss (ORL)
dB
13.5
13.5
17.0
21.0
20.5
9.0
Reverse Isolation (S12)
dB
18.519.019.519.519.518.5
Noise Figure (NF)
dB
2.8
3.2
3.1
3.3
3.5
3.8
Test Conditions: VD=3V, ID=55mA Typ. OIP3 Tone Spacing=1MHz, POUT per tone=0dBm, TL=25°C, ZS=ZL=50, *Bias Tee Data
Noise Figure versus Frequency
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Frequency (GHz)
25°C
85°C
OIP3 versus Frequency
(0dBm/tone, 1MHz spacing)
25
27
29
31
33
35
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Frequency (GHz)
-40°C
25°C
85°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com