Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGC4263Z Datasheet(PDF) 4 Page - RF Micro Devices

Part # SGC4263Z
Description  50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGC4263Z Datasheet(HTML) 4 Page - RF Micro Devices

  SGC4263Z Datasheet HTML 1Page - RF Micro Devices SGC4263Z Datasheet HTML 2Page - RF Micro Devices SGC4263Z Datasheet HTML 3Page - RF Micro Devices SGC4263Z Datasheet HTML 4Page - RF Micro Devices SGC4263Z Datasheet HTML 5Page - RF Micro Devices SGC4263Z Datasheet HTML 6Page - RF Micro Devices SGC4263Z Datasheet HTML 7Page - RF Micro Devices SGC4263Z Datasheet HTML 8Page - RF Micro Devices SGC4263Z Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4 of 9
DS140502
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGC4263Z
Typical Performance with Application Circuit, VD=3V, ID=55mA
OIP3 versus Frequency
(0dBm/tone, 1MHz spacing)
25
27
29
31
33
35
0.50.7
0.91.1
1.31.5
1.71.9
2.12.3
2.5
Frequency (GHz)
-40°C
25°C
85°C
P1dB versus Frequency
10
12
14
16
18
20
0.50.7
0.91.1
1.31.5
1.71.9
2.12.3
2.5
Frequency (GHz)
-40°C
25°C
85°C
Noise Figure versus Frequency
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
Frequency (GHz)
25°C
85°C
POUT versus PIN @ 850MHz
0
2
4
6
8
10
12
14
16
18
20
-14
-12
-10
-8
-6
-4
-2
0
2
4
6
8
Power In (dBm)
50
52
54
56
58
60
62
64
66
68
70
Pout_25°C
Pout_-40°C
Pout_85°C
Bias_25°C
Bias_-40°C
Bias_85°C
POUT versus PIN @ 2140MHz
0
2
4
6
8
10
12
14
16
18
20
-13
-11
-9
-7
-5
-3
-1
1
3
5
7
9
Power In (dBm)
55
57
59
61
63
65
67
69
71
73
75
Pout_25°C
Pout_-40°C
Pout_85°C
Bias_25°C
Bias_-40°C
Bias_85°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com