Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGL0622Z Datasheet(PDF) 2 Page - RF Micro Devices

Part # SGL0622Z
Description  5MHz to 4000MHz LOW NOISE MMIC AMPLIFIER SILICON GERMANIUM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGL0622Z Datasheet(HTML) 2 Page - RF Micro Devices

  SGL0622Z Datasheet HTML 1Page - RF Micro Devices SGL0622Z Datasheet HTML 2Page - RF Micro Devices SGL0622Z Datasheet HTML 3Page - RF Micro Devices SGL0622Z Datasheet HTML 4Page - RF Micro Devices SGL0622Z Datasheet HTML 5Page - RF Micro Devices SGL0622Z Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2 of 6
SGL0622Z
DS140404
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Typical RF Performance at Key Operating Frequencies (WIth Application Circuit)
Absolute Maximum Ratings
Parameter
Rating
Unit
Device Current (ID)30
mA
Device Voltage (VD)4
V
RF Input Power* (See Note)
-10
dBm
Junction Temp (TJ)+150
°C
Operating Temp Range (TL)
-40 to +85
°C
Storage Temp
+150
°C
ESD Rating - Human Body Model
(HBM)
Class 1C
Moisture Sensitivity Level
MSL 1
*Note: Load condition1, ZL=50
. Load condition2, ZL=10:1 VSWR.
Operation of this device beyond any one of these limits may cause permanent
damage. For reliable continuous operation, the device voltage and current
must not exceed the maximum operating values specified in the table on
page one.
Bias Conditions should also satisfy the following expression:
IDVD<(TJ-TL)/RTH, j-l and TL=TLEAD
Parameter
Unit
100
MHz
200
MHz
450
MHz
850
MHz
1575
MHz
1950
MHz
2440
MHz
3550
MHz
Small Signal Gain, S21
dB
34.6
34.9
34.4
32.8
28.5
26.1
23.0
17.0
Input Third Order Intercept Point,
IIP3
dBm
-13.0
-12.0
-8.5
Output at 1dB Compression,
P1dB
dBm
2.7
5.3
1.5
-1.4
Input Return Loss
dB
15.1
20.0
12.6
16.0
14.3
12.8
12.0
10.0
Output Return Loss
dB
9.2
12.2
11.8
10.4
9.5
12.1
14.0
22.0
Reverse Isolation
dB
38.8
39.8
38.7
39.9
35.6
34.8
32.0
29.0
Noise Figure, NF
dB
1.25
0.96
0.84
1.16
1.50
1.78
2.01
2.81
Test Conditions: VCC=3.3V ID=10.5mA Typ. IIP3 Tone Spacing=1MHz, POUT per tone=-15dBm
TL=25°C ZS=ZL=50



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com