Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGL0622Z Datasheet(PDF) 1 Page - RF Micro Devices

Part # SGL0622Z
Description  5MHz to 4000MHz LOW NOISE MMIC AMPLIFIER SILICON GERMANIUM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGL0622Z Datasheet(HTML) 1 Page - RF Micro Devices

  SGL0622Z Datasheet HTML 1Page - RF Micro Devices SGL0622Z Datasheet HTML 2Page - RF Micro Devices SGL0622Z Datasheet HTML 3Page - RF Micro Devices SGL0622Z Datasheet HTML 4Page - RF Micro Devices SGL0622Z Datasheet HTML 5Page - RF Micro Devices SGL0622Z Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
1 of 6
Optimum Technology
Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RF MEMS
SGL0622Z
5MHz to 4000MHz LOW NOISE MMIC
AMPLIFIER SILICON GERMANIUM
The SGL0622Z is a low noise, high gain MMIC LNA designed for low power
single-supply operation from 2.7V to 3.6V. Its Class-1C ESD protection
and high input overdrive capability ensures rugged performance, while its
integrated active bias circuit maintains robust stable bias over tempera-
ture and process beta variation. The SGL0622Z is internally matched from
5MHz to 4000 MHz and requires only 4 to 5 external biasing components
(DC blocks, bypass caps, inductive choke). The SGL0622Z is fabricated
using highly repeatable Silicon Germanium technology and is housed in a
cost-effective RoHS/WEEE compliant QFN 2x2 minia-
ture package.
Typical Performance
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
100.0
600.0
1100.0
1600.0
2100.0
2600.0
3100.0
Frequency (MHz)
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
NF
Gain
High Gain=28dB at 1575MHz
Low Noise Figure=1.5dB at
1575MHz
Low Power Consumption,
10.5mA @ 3.3V
Battery Operation:2.7V to 3.6V
(Active Biased)
Fully Integrated Matching
Class-1C ESD Protection
(>1000V HBM)
High input overdrive capability,
+18dBm
Applications
High Gain GPS Receivers
ISM and WiMAX LNAs
DS140404
Package: QFN, 2x2
SGL0622Z
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Small Signal Gain
25.0
28.0
31.0
dB
1.575GHz
23.0
dB
2.44GHz
14.5
16.5
18.5
dB
3.50GHz
Output Power at 1dB Compression
3.3
5.3
dBm
1.575GHz
1.5
dBm
2.44GHz
-1.4
dBm
3.50GHz
Input Third Order Intercept Point
-16.0
-13.0
dBm
1.575GHz
-12.0
dBm
2.44GHz
-8.5
dBm
3.50GHz
Input Return Loss
12.0
14.0
dB
1.575GHz
12.0
dB
2.44GHz
10.0
dB
3.50GHz
Output Return Loss
6.0
9.5
dB
1.575GHz
14.0
dB
2.44GHz
22.0
dB
3.50GHz
Noise Figure
1.5
1.9
dB
1.575GHz
2.0
dB
2.44GHz
2.8
dB
3.50GHz
Reverse Isolation
-28.0
dB
0.05GHz to 4.0GHz
Thermal Resistance
150
°C/W
junction - lead
Device Operating Current
7.5
10.5
14.5
mA
Test Conditions: VCC=3.3V, ID=10.5mA Typ., IIP3 Tone Spacing=1MHz, POUT per tone=-15dBm, TL=25°C, ZS=ZL=50


Similar Part No. - SGL0622Z

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
SGL0622Z QORVO-SGL0622Z Datasheet
509Kb / 8P
5 MHz to 4000 MHz, Low-Noise SiGe HBT MMIC Amplifier
SGL0622ZPCK1 QORVO-SGL0622ZPCK1 Datasheet
509Kb / 8P
5 MHz to 4000 MHz, Low-Noise SiGe HBT MMIC Amplifier
SGL0622ZSQ QORVO-SGL0622ZSQ Datasheet
509Kb / 8P
5 MHz to 4000 MHz, Low-Noise SiGe HBT MMIC Amplifier
SGL0622ZSR QORVO-SGL0622ZSR Datasheet
509Kb / 8P
5 MHz to 4000 MHz, Low-Noise SiGe HBT MMIC Amplifier
More results

Similar Description - SGL0622Z

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGL-0622Z SIRENZA-SGL-0622Z_1 Datasheet
135Kb / 5P
5 - 4000 MHz Low Noise MMIC Amplifier Silicon Germanium
logo
RF Micro Devices
SPF-5043Z RFMD-SPF-5043Z Datasheet
590Kb / 12P
50MHz to 4000MHz, GaAs pHEMT LOW NOISE MMIC AMPLIFIER
SPF-5122Z RFMD-SPF-5122Z Datasheet
405Kb / 12P
50MHz to 4000MHz, GaAs pHEMT LOW NOISE MMIC AMPLIFIER
logo
NXP Semiconductors
BGU7003 NXP-BGU7003 Datasheet
158Kb / 17P
Wideband silicon germanium low-noise amplifier MMIC
Rev. 01-2 March 2009
logo
RF Micro Devices
SPF5043ZSQ RFMD-SPF5043ZSQ Datasheet
1Mb / 13P
50MHz to 4000MHz, GaAs pHEMT LOW NOISE MMIC AMPLIFIER
SGL-06SMT2 RFMD-SGL-06SMT2 Datasheet
1Mb / 5P
Low Noise Amplifier 5MHz to 4000MHz
SGL0363Z RFMD-SGL0363Z Datasheet
828Kb / 11P
5MHz to 2000MHz LOW NOISE AMPLIFIER SILICON GERMANIUM
SPF5122Z RFMD-SPF5122Z Datasheet
814Kb / 12P
50MHz to 4000MHz, GaAs pHEMT LOW NOISE MMIC AMPLIFIER
logo
Infineon Technologies A...
BGA824N6 INFINEON-BGA824N6 Datasheet
1Mb / 16P
Silicon Germanium Low Noise Amplifier
Revision 3.0, 2013-06-24
BGA715N7 INFINEON-BGA715N7 Datasheet
1Mb / 15P
Silicon Germanium Low Noise Amplifier
Revision 1.0, 2013-01-29
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com