Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPF-5043Z Datasheet (PDF) - RF Micro Devices

SPF-5043Z Datasheet PDF - RF Micro Devices
Part # SPF-5043Z
Download  SPF-5043Z Download
File Size   590.31 Kbytes
Page   12 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 50MHz to 4000MHz, GaAs pHEMT LOW NOISE MMIC AMPLIFIER

SPF-5043Z Datasheet (PDF)

Go To PDF Page Download Datasheet
SPF-5043Z Datasheet PDF - RF Micro Devices

Part # SPF-5043Z
Download  SPF-5043Z Click to download

File Size   590.31 Kbytes
Page   12 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 50MHz to 4000MHz, GaAs pHEMT LOW NOISE MMIC AMPLIFIER

SPF-5043Z Datasheet (HTML) - RF Micro Devices


SPF-5043Z Product details

Product Description

The SPF-5043Z is a high performance pHEMT MMIC LNA designed for operation from 50MHz to 4000MHz. The on-chip active bias network provides stable current over temperature and process threshold voltage variations. The SPF-5043Z offers ultra-low noise figure and high linearity performance in a gain block configuration. Its single-supply operation and integrated matching networks make implementation remarkably simple. A high maximum input power specification make it ideal for high dynamic range receivers.



Features

  Ultra-Low Noise Figure=0.8dB @ 900MHz

  Gain=18.2dB @ 900MHz

  High Linearity: OIP3=35dBm @ 1900MHz

  P1dB=21dBm @ 1900MHz

  Single-Supply Operation: 5V @ IDQ=46mA

  Flexible Biasing Options: 3V to 5V, Adjustable Current

  Broadband Internal Matching



Applications

  Cellular, PCS, W-CDMA, ISM, WiMAX Receivers

  Low Noise, High Linearity Gain Block Applications



 




Similar Part No. - SPF-5043Z

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SPF-5043Z SIRENZA-SPF-5043Z Datasheet
137Kb / 6P
400-3000 MHz, GaAs pHEMT Low Noise MMIC Amplifier
More results


Similar Description - SPF-5043Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SPF-5122Z RFMD-SPF-5122Z Datasheet
405Kb / 12P
50MHz to 4000MHz, GaAs pHEMT LOW NOISE MMIC AMPLIFIER
SPF5043ZSQ RFMD-SPF5043ZSQ Datasheet
1Mb / 13P
50MHz to 4000MHz, GaAs pHEMT LOW NOISE MMIC AMPLIFIER
SPF5122Z RFMD-SPF5122Z Datasheet
814Kb / 12P
50MHz to 4000MHz, GaAs pHEMT LOW NOISE MMIC AMPLIFIER
logo
Analog Devices
HMC342LC4 AD-HMC342LC4 Datasheet
340Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC962LC4 AD-HMC962LC4 Datasheet
371Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC1049 AD-HMC1049 Datasheet
272Kb / 14P
GaAs pHEMT MMIC Low Noise Amplifier
Jun-2017
HMC460 AD-HMC460 Datasheet
506Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC462 AD-HMC462 Datasheet
443Kb / 8P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC518 AD-HMC518 Datasheet
625Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC566LP4E AD-HMC566LP4E Datasheet
412Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com