Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9010K2M Datasheet(PDF) 2 Page - ESS Technology,Inc

Part # ES9010K2M
Description  Premier Stereo Mobile Audio DAC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9010K2M Datasheet(HTML) 2 Page - ESS Technology,Inc

  ES9010K2M Datasheet HTML 1Page - ESS Technology,Inc ES9010K2M Datasheet HTML 2Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CONFIDENTIAL ADVANCE INFORMATION Rev. 1.9
October 16, 2014
ES9010K2M Product Brief
ESS TECHNOLOGY, INC. 48401 Fremont Blvd., Fremont, CA 94538, USA Tel (510) 492-1088 • Fax (510) 492-1511
2
FUNCTIONAL BLOCK DIAGRAM
APPLICATION DIAGRAM
L
Baseband
Or
Application
Processor
ES9010K2M
R
Headphones
Codec
I2S
Earpiece
MICs
SPK Driver
Speakers
SABRE9601
HP Driver
No part of this publication may be reproduced, stored in a retrieval system, transmitted, or translated in any form or by any
means, electronic, mechanical, manual, optical, or otherwise, without the prior written permission of ESS Technology, Inc.
ESS Technology, Inc. makes no representations or warranties regarding the content of this document. All specifications are
subject to change without prior notice. ESS Technology, Inc. assumes no responsibility for any errors contained herein. U.S.
patents pending.
ASRC
&
Jitter
Reduction
CONTROL INTERFACE
Core & IO
Power Supply
32-bit
HyperstreamTM
DAC (2x)
32-bit
HyperstreamTM
DAC (2x)
Dynamic
Matching
(2x)
DATA_CLK
VCCA
(1.8/3.3V)
GND
XI / MCLK
XO
DPLL
DATA[2:1]
DACL, DACR
DACLB, DACRB
ES9010K2M
DVDD
(1.2V)
OSC
AVCC
PCM /
DSD /
SPDIF
Interface
OVERSAMPLING FILTER
Fast/Slow roll-off (PCM)
50/60/70kHz (DSD)
De-emphasis (PCM)
Volume Control
Soft Mute
Zero Detect



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com