Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9010K2M Datasheet(PDF) 1 Page - ESS Technology,Inc

Part # ES9010K2M
Description  Premier Stereo Mobile Audio DAC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9010K2M Datasheet(HTML) 1 Page - ESS Technology,Inc

  ES9010K2M Datasheet HTML 1Page - ESS Technology,Inc ES9010K2M Datasheet HTML 2Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CONFIDENTIAL ADVANCE INFORMATION
Analog Reinvented
ES9010K2M
Premier Stereo Mobile Audio DAC
Product Brief
ESS TECHNOLOGY, INC. 48401 Fremont Blvd., Fremont, CA 94538, USA Tel (510) 492-1088 • Fax (510) 492-1511
FEATURE
DESCRIPTION
Patented 32-bit Hyperstream
 DAC
o
+116B DNR
o
–106dB THD+N
o
32-bit audio DAC powered by Sabre
32 DAC architecture with
ultra high dynamic range and low distortion
o
Supports both synchronous and ASRC (asynchronous
sample rate converter) modes
Patented Time Domain Jitter Eliminator
o
Unmatched audio clarity free from input clock jitter
Integrated DSP Functions
o
Click-free soft mute and volume control
o
Programmable Zero detect
o
De-emphasis for 32kHz, 44.1kHz, and 48kHz sampling
Customizable output configuration
o
Current or voltage mode based on performance criterion
I
2C control
o
Allows software control of DAC features
28-QFN (5mm x 5mm) package
o
Minimizes PCB footprint
< 40mW operational power
< 1mW standby power
o
Maximizes battery life
Single VCCA (1.8V to 3.3V) power supply
o
Reduces power and simplifies power supply design
1.8V digital logic supported
o
Connects to Application Processor without level shifter
Versatile digital input
o
Supports SPDIF, PCM (I
2S, LJ 16-32-bit) or DSD input
Customizable filter characteristics
(revision V only)
o
User-programmable filter allows custom roll-off response
o
Bypassable oversampling filter
APPLICATIONS
 Mobile phones / Tablets / Digital music players / Portable multimedia players
 Blu-ray / SACD / DVD-Audio player
 Audio preamplifier and A/V receiver
 Professional audio recording systems / Mixing consoles / Digital audio workstation
The ES9010K2M SABRE Premier DAC is a high-performance 32-bit, 2-channel audio D/A converter
targeted for portable high-fidelity audio applications such as mobile phones and digital music players,
consumer applications such as Blu-ray players, audio pre-amplifiers and A/V receivers, as well as
professional applications such as recording systems, mixer consoles and digital audio workstations.
Using the critically acclaimed ESS patented Hyperstream
 DAC architecture and Time Domain Jitter
Eliminator, the ES9010K2M SABRE Premier DAC delivers a DNR of up to 116dB and THD+N of –106dB, a
performance level that will satisfy the most demanding audio enthusiasts.
The ES9010K2M SABRE Premier DAC’s Hyperstream
 architecture can handle up to 32-bit, 384kHz PCM
data via I
2S, DSD-11.2MHz data as well as mono mode for highest performance applications.
Both
synchronous and ASRC (asynchronous sample rate conversion) modes are supported.
The ES9010K2M SABRE Premier DAC is powered by a single VCCA supply, with internal regulators
generating the core and analog supplies. The DAC comes in a 28-QFN package, supports 1.8V logic levels
and consumes less than 40mW in normal operation mode (< 1mW in standby mode).


Similar Part No. - ES9010K2M

ManufacturerPart #DatasheetDescription
logo
ESS Technology,Inc
ES9012 ESS-ES9012 Datasheet
276Kb / 2P
32-bit Hyperstream??Audio DAC
ES9012 ESS-ES9012 Datasheet
710Kb / 35P
Reference 32-bit Audio DAC Datasheet
Rev. 1.2 February 11, 2010
ES9012S ESS-ES9012S Datasheet
710Kb / 35P
Reference 32-bit Audio DAC Datasheet
Rev. 1.2 February 11, 2010
ES9016 ESS-ES9016 Datasheet
715Kb / 2P
32-bit High Performance Audio ADC
ES9016 ESS-ES9016 Datasheet
1Mb / 38P
Ultra 32-bit Stereo Low Power Audio DAC
March 26, 2021
More results

Similar Description - ES9010K2M

ManufacturerPart #DatasheetDescription
logo
Winbond
W6630CR WINBOND-W6630CR Datasheet
14Kb / 1P
STEREO AUDIO DAC
logo
List of Unclassifed Man...
MS6311 ETC-MS6311 Datasheet
197Kb / 6P
Stereo Audio DAC
logo
MOSA ELECTRONICS
MS6610 MOSA-MS6610 Datasheet
162Kb / 6P
Stereo Audio DAC
logo
ESS Technology,Inc
ES9023 ESS-ES9023 Datasheet
364Kb / 2P
Premier Stereo DAC with 2Vrms Driver
ES9016K2M ESS-ES9016K2M Datasheet
53Kb / 2P
Ultra 32-bit Stereo Mobile Audio DAC
ES9018K2M ESS-ES9018K2M Datasheet
65Kb / 2P
32-bit Stereo Mobile Audio DAC
logo
Texas Instruments
PCM5100A TI1-PCM5100A_15 Datasheet
1Mb / 42P
Audio Stereo DAC
PCM5121 TI1-PCM5121_16 Datasheet
2Mb / 120P
Audio Stereo DAC
PCM5141 TI1-PCM5141_16 Datasheet
2Mb / 123P
Audio Stereo DAC
logo
ESS Technology,Inc
ES9023P ESS-ES9023P Datasheet
269Kb / 14P
Premier Stereo DAC with 2Vrms Driver
April 6, 2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com