Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SZM2066Z Datasheet(PDF) 9 Page - RF Micro Devices

Part # SZM2066Z
Description  2.4GHz to 2.7GHz 2W POWER AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SZM2066Z Datasheet(HTML) 9 Page - RF Micro Devices

Back Button SZM2066Z Datasheet HTML 5Page - RF Micro Devices SZM2066Z Datasheet HTML 6Page - RF Micro Devices SZM2066Z Datasheet HTML 7Page - RF Micro Devices SZM2066Z Datasheet HTML 8Page - RF Micro Devices SZM2066Z Datasheet HTML 9Page - RF Micro Devices SZM2066Z Datasheet HTML 10Page - RF Micro Devices SZM2066Z Datasheet HTML 11Page - RF Micro Devices SZM2066Z Datasheet HTML 12Page - RF Micro Devices SZM2066Z Datasheet HTML 13Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9 of 18
DS110620
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SZM-2066Z
Measured 2.5GHz to 2.7GHz Application Circuit Data (VCC=VPC=5.0V, IQ=583mA, T=25°C)
RF Power Detector (Vdet) vs Pout, F=2.5GHz
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
16
18
20
22
24
26
28
30
32
34
Pout(dBm)
-40c
+25c
+85c
RF Power Detector (Vdet) vs Pout, F=2.7GHz
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
16
18
20
22
24
26
28
30
32
34
Pout(dBm)
-40c
+25c
+85c
Icq vs Vpc, Vcc=5V, swept Vpc
See App. Circuit pg. 12 for Vpc resistor value used
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0.55
0.6
33.544.5
5
Vpc(V)
-40c
+25c
+85c
Noise Figure vs Frequency
5
5.5
6
6.5
7
7.5
8
8.5
9
9.5
10
2.50
2.55
2.60
2.65
2.70
Frequency(GHz)
-40C
+25C
+85C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com