Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SZM2066Z Datasheet (PDF) - RF Micro Devices

SZM2066Z Datasheet PDF - RF Micro Devices
Part # SZM2066Z
Download  SZM2066Z Download
File Size   1063.49 Kbytes
Page   18 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 2.4GHz to 2.7GHz 2W POWER AMPLIFIER

SZM2066Z Datasheet (PDF)

Go To PDF Page Download Datasheet
SZM2066Z Datasheet PDF - RF Micro Devices

Part # SZM2066Z
Download  SZM2066Z Click to download

File Size   1063.49 Kbytes
Page   18 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 2.4GHz to 2.7GHz 2W POWER AMPLIFIER

SZM2066Z Datasheet (HTML) - RF Micro Devices


SZM2066Z Product details

Product Description
RFMD’s SZM-2066Z is a high linearity class AB Heterojunction Bipolar Transistor (HBT) amplifier housed in a low-cost surface-mountable plastic Q-FlexN multi-chip module package. This HBT amplifier is made with InGaP on GaAs device technology and fabricated with MOCVD for an ideal combination of low cost and high reliability. This product is specifically designed as a final or driver stage for 802.16 and 802.11b/g equipment in the 2.4GHz to 2.7GHz bands. It can run from a 3V to 5V supply. The external output match and bias adjustability allows load line optimization for other applications or over narrower bands. It features an output power detector, on/off power control and high RF overdrive robustness. A 20dB step attenuator feature can be utilized by switching the second stage Power up/down control.

Features
■ P1dB= 33.5dBm at 5V
■ Three Stages of Gain:37dB
■ 802.11g 54Mb/s Class AB Performance
■ POUT=26dBm at 2.5% EVM, VCC 5V, 690mA
■ Active Bias with Adjustable Current
■ On-Chip Output Power Detector
■ Low Thermal Resistance
■ Power Up/Down Control <1μs
■ Attenuator Step 20dB at VPC2=0V

Applications
■ 802.16 WiMAX Driver or Output Stage
■ 802.11b/g WiFi, WiFi




Similar Part No. - SZM2066Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SZM2166Z RFMD-SZM2166Z Datasheet
849Kb / 21P
2.3GHz to 2.7GHz 2W POWER AMPLIFIER
SZM2166ZPCK-EVB1 RFMD-SZM2166ZPCK-EVB1 Datasheet
849Kb / 21P
2.3GHz to 2.7GHz 2W POWER AMPLIFIER
SZM2166ZPCK-EVB2 RFMD-SZM2166ZPCK-EVB2 Datasheet
849Kb / 21P
2.3GHz to 2.7GHz 2W POWER AMPLIFIER
SZM2166ZPCK-EVB3 RFMD-SZM2166ZPCK-EVB3 Datasheet
849Kb / 21P
2.3GHz to 2.7GHz 2W POWER AMPLIFIER
SZM2166ZSQ RFMD-SZM2166ZSQ Datasheet
849Kb / 21P
2.3GHz to 2.7GHz 2W POWER AMPLIFIER
More results


Similar Description - SZM2066Z

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2242 MAXIM-MAX2242 Datasheet
191Kb / 9P
2.4GHz to 2.5GHz Linear Power Amplifier
19-1912; Rev 3; 11/03
logo
SIRENZA MICRODEVICES
SZM-2066Z SIRENZA-SZM-2066Z Datasheet
641Kb / 13P
2.4-2.7GHz 2W Power Amplifier
SZP-2026Z SIRENZA-SZP-2026Z Datasheet
558Kb / 12P
2.2-2.7GHz 2W InGaP Amplifier
SZM-2166Z SIRENZA-SZM-2166Z Datasheet
683Kb / 16P
2.3-2.7GHz 2W Power Amplifier
logo
RF Micro Devices
RF5652 RFMD-RF5652 Datasheet
2Mb / 21P
5.0V, 2.4GHz TO 2.7GHz HIGH POWER AMPLIFIER
RFPA2226 RFMD-RFPA2226 Datasheet
1Mb / 17P
2.2GHz TO 2.7GHz 2W InGaP AMPLIFIER
RFPA5208 RFMD-RFPA5208 Datasheet
195Kb / 7P
WiFi Power Amplifier 2.4GHz to 2.5GHz
SZA-2044Z RFMD-SZA-2044Z Datasheet
429Kb / 12P
700MHz to 2.7GHz 5V 1W Power Amplifier
SZA3044Z RFMD-SZA3044Z Datasheet
488Kb / 11P
2.7GHz to 3.8GHz 5V 1W POWER AMPLIFIER
SZM-2166Z RFMD-SZM-2166Z Datasheet
849Kb / 21P
2.3GHz to 2.7GHz 2W POWER AMPLIFIER
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com