Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9102C Datasheet(PDF) 2 Page - ESS Technology,Inc

Part # ES9102C
Description  Reference Stereo ADC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9102C Datasheet(HTML) 2 Page - ESS Technology,Inc

  ES9102C Datasheet HTML 1Page - ESS Technology,Inc ES9102C Datasheet HTML 2Page - ESS Technology,Inc ES9102C Datasheet HTML 3Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CONFIDENTIAL ADVANCE INFORMATION Rev. 0.3
August 20, 2014
ES9102C Product Brief
ESS TECHNOLOGY, INC. 48401 Fremont Blvd., Fremont, CA 94538, USA Tel (510) 492-1088 • Fax (510) 492-1511
2
FUNCTIONAL BLOCK DIAGRAM AND DESCRIPTION
Figure 1:  Functional Block Diagram 
HyperStream ADC
The Sabre ADC uses ESS’ patented Hyperstream architecture for performing super accurate analog-to-digital conversion.
The HyperStream ADC uses a hybrid combination of high-speed digital and precision analog circuits to sample and convert
the analog input signal. The oversampled signal is then passed to the digital core of the Sabre ADC for further processing.
Decimation Filter
A decimation filter structure is used to perform downsampling of the digital output from the HyperStream ADC. The purpose
of the decimation filter is to remove any high frequency data before downsampling the data to a lower sampling rate. The
decimation filter is a two stage FIR structure, and is fully programmable.
Programmable Filter
A fully programmable biquad filter is available after the decimation filter. The biquad filter structure contains eight full
biquads per channel, and is completely customizable, with up to 20dB of headroom in each biquad. The programmable filter
uses the RIAA filter by default, and can be reprogrammed using I
2C.
Serial Output Interface
Output data can be formatted to use either the SPDIF or the I
2S digital interface formats. Several types of I2S output formats
are available (including LJ, RJ and I
2S).
Control/Status Interface
The Sabre ADC is fully programmable using I
2C. The Sabre ADC also supports interrupt outputs, which can be serviced by
an external microcontroller.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com