Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9102C Datasheet(PDF) 1 Page - ESS Technology,Inc

Part # ES9102C
Description  Reference Stereo ADC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9102C Datasheet(HTML) 1 Page - ESS Technology,Inc

  ES9102C Datasheet HTML 1Page - ESS Technology,Inc ES9102C Datasheet HTML 2Page - ESS Technology,Inc ES9102C Datasheet HTML 3Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CONFIDENTIAL ADVANCE INFORMATION
Analog Reinvented
ES9102C
Product Brief
ESS TECHNOLOGY, INC. 48401 Fremont Blvd., Fremont, CA 94538, USA Tel (510) 492-1088 • Fax (510) 492-1511
Reference Stereo ADC
FEATURE
BENEFIT
32-bit Hyperstream
 ADC architecture
o
127dB dynamic range (mono mode)
o
−120dB THD+N (mono mode)
Unprecedented dynamic range and ultra low distortion
32-bit Programmable decimation (FIR) filter
o
Built–in sharp or low-group delay filters, or
o
User customizable characteristics
Customizable FIR decimation filters for any application
Programmable 8-band biquad filter
o
Built-in RIAA filter
o
User customizable characteristics
Customizable equalization for any application
Programmable Digital High-pass filter
Eliminates input DC offset
Up to 384kHz sampling rate
Compatible with DVD-audio and professional applications
I
2C or hardware based control
Configured by microcontroller or used standalone
Flexible digital output modes
Synchronous SPDIF or I
2S master/slave output, or
asynchronous I
2S slave output relative to master clock
Low power in a small package
o
< 200mW power consumption
o
48-LQFP package
Simplifies PCB layout and power supply design
APPLICATIONS
Professional recording systems
Studio mixing console
Digital audio workstations
Audio/Video receivers
Audio preamplifiers
Audio processor
Device
Description
DNR (dB-A)
THD+N (dB)
32-bit
Digital Filter
8-band Biquad
Filter
I2S / SPDIF
Output
Sample
Rate
ES9102C
SABRE32 Reference
32-bit Audio ADC
127 (Mono)
124 (Stereo)
−120 (Mono)
−118 (Stereo)
Programmable
Programmable
Yes
Up to
384kHz
The SABRE
32
Reference ADC
is a two-channel 32-bit analog-to-digital (A/D) converter targeted for consumer
applications such as audio pre-amplifier, audio processor, A/V receiver and professional audio applications such as
recording systems, mixer consoles and digital audio workstations.
Using the ESS proprietary 32-bit Hyperstream
 ADC architecture, the SABRE32 Reference ADC delivers an
unprecedented DNR of 127dB and THD+N of −120dB in mono mode (or DNR of 124dB and THD+N of −118dB in
stereo mode), a performance level that will satisfy the most demanding audio enthusiasts.
For highest performance, the SABRE
32 Reference ADC implements a 32-bit programmable decimation filter and
outputs the full 32-bit resolution in I
2S mode, or 24-bit resolution in SPDIF mode. A digital high-pass filter is available
for DC removal. Additionally, a programmable 8-band biquad filter is implemented for RIAA or custom equalization.
The SABRE
32 Reference ADC supports synchronous SPDIF or I2S master/slave output, or asynchronous I2S slave
output relative to the master clock for up to 384kHz sample rate and consumes less than 200mW.


Similar Part No. - ES9102C

ManufacturerPart #DatasheetDescription
logo
ESS Technology,Inc
ES9102 ESS-ES9102 Datasheet
715Kb / 2P
32-bit High Performance Audio ADC
More results

Similar Description - ES9102C

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4522 AKM-AK4522 Datasheet
134Kb / 18P
20BIT STEREO ADC & DAC
AK4523 AKM-AK4523 Datasheet
161Kb / 20P
20BIT STEREO ADC & DAC
logo
Wolfson Microelectronic...
WM8739 WOLFSON-WM8739 Datasheet
349Kb / 35P
STEREO AUDIO ADC
WM8738 WOLFSON-WM8738 Datasheet
157Kb / 15P
24 BIT STEREO ADC
WM8738 WOLFSON-WM8738_06 Datasheet
137Kb / 18P
24 Bit Stereo ADC
logo
Asahi Kasei Microsystem...
AKD7780 AKM-AKD7780 Datasheet
1Mb / 48P
24-bit stereo ADC?셲, a mono ADC and a stereo SRC.
logo
Analog Devices
AD7667 AD-AD7667_15 Datasheet
761Kb / 28P
Unipolar ADC with Reference
REV. 0
logo
Texas Instruments
TLV320ADC3101 TI1-TLV320ADC3101 Datasheet
1Mb / 92P
Low-Power Stereo ADC
logo
Suzhou Everest Semicond...
ES7241D EVEREST-ES7241D Datasheet
603Kb / 10P
High Performance Stereo Audio ADC
logo
List of Unclassifed Man...
RS-101 ETC-RS-101 Datasheet
1Mb / 2P
Reference Stereo Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com