Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGC6489Z Datasheet(PDF) 1 Page - RF Micro Devices

Part # SGC6489Z
Description  Patented Self Bias Circuitry
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGC6489Z Datasheet(HTML) 1 Page - RF Micro Devices

  SGC6489Z Datasheet HTML 1Page - RF Micro Devices SGC6489Z Datasheet HTML 2Page - RF Micro Devices SGC6489Z Datasheet HTML 3Page - RF Micro Devices SGC6489Z Datasheet HTML 4Page - RF Micro Devices SGC6489Z Datasheet HTML 5Page - RF Micro Devices SGC6489Z Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
1 of 6
Optimum Technology
Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
InP HBT
LDMOS
RF MEMS
SGC-6489Z
50MHz to 3500MHz SILICON GERMANIUM
ACTIVE BIAS GAIN BLOCK
RFMD’s SGC-6489Z is a high performance SiGe HBT MMIC amplifier utiliz-
ing a Darlington configuration with an active bias network. The active bias
network provides stable current over temperature and process Beta varia-
tions. Designed to run directly from a 5V supply, the SGC-6489Z does not
require a dropping resistor as compared to traditional Darlington amplifi-
ers. The SGC-6489Z product is designed for high linearity 5V gain block
applications that require small size and minimal external components. It is
internally matched to 50
.
Gain and Return Loss
VD = 5V, ID = 85mA
-40.0
-30.0
-20.0
-10.0
0.0
10.0
20.0
30.0
0.00.5
1.01.5
2.02.5
3.03.5
Frequency (GHz)
S11
S21
S22
Bias Tee Data, ZS = ZL = 50  , TL
Single Supply Operation: 5V
at ID = 85mA
No Dropping Resistor
Required
Patented Self Bias Circuitry
Gain = 19.5dBm at 1950MHz
P1dB = 19.2dBm at
1950MHz
IP3 = 32.8dBm at 1950MHz
Robust 1000V ESD, Class 1C
HBM
Applications
PA Driver Amplifier
Cellular, PCS, GSM, UMTS
IF Amplifier
Wireless Data, Satellite
DS120409
NOT FOR NEW DESIGNS
Package: SOT-89
SGC-6489Z
50MHz to
3500MHz Sili-
con Germa-
nium Active
Bias Gain
Block
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Small Signal Gain
20.7
22.2
23.7
dB
850MHz
18.0
19.5
21.0
dB
1950MHz
18.3
dB
2400MHz
Output Power at 1dB Compression
20.6
dBm
850MHz
17.7
19.2
dBm
1950MHz
18.4
dBm
2400MHz
Output Third Order Intercept Point
34.1
dBm
850MHz
30.8
32.8
dBm
1950MHz
31.4
dBm
2400MHz
Input Return Loss
14
18
dB
1950MHz
Output Return Loss
8
11
dB
1950MHz
Noise Figure
2.4
3.4
dB
1930MHz
Device Operating Voltage
5
V
Device Operating Current
70
82
94
mA
Thermal Resistance
70
°C/W
junction to lead
Test Conditions: VD = 5.0V, ID = 82mA, TL = 25°C, OIP3 Tone Spacing = 1MHz, Bias Tee Data, ZS = ZL = 50, POUT per tone = 0dBm


Similar Part No. - SGC6489Z

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SGC64A GOOD-ARK-SGC64A Datasheet
254Kb / 4P
Surface Mount Glass Passivated Rectifier
More results

Similar Description - SGC6489Z

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TC3539 TRANSCOM-TC3539 Datasheet
254Kb / 4P
4.8 - 6 GHz 29dBm Self-Bias MMIC
logo
Microsemi Corporation
GG72130 MICROSEMI-GG72130 Datasheet
91Kb / 2P
REFLECTIVE SPDT SWITCH MODULES w/ Bias Circuitry
logo
Infineon Technologies A...
BGR405 INFINEON-BGR405 Datasheet
312Kb / 7P
NPN Silicon RF Transistor With Bias Circuitry
Rev. 1.0, Juni 2008
BGR420 INFINEON-BGR420 Datasheet
316Kb / 7P
NPN Silicon RF Transistor With Bias Circuitry
Rev. 1.0, Juni 2008
logo
Dielectric Laboratories...
B28BJSBN01 DILABS-B28BJSBN01 Datasheet
430Kb / 2P
Self Bias Network
logo
M.S. Kennedy Corporatio...
MSK4303 MSK-MSK4303_15 Datasheet
113Kb / 6P
Self-Contained, Smart Lowside/Highside Drive Circuitry
MSK4304RH MSK-MSK4304RH_15 Datasheet
153Kb / 7P
Self-Contained, Lowside/Highside Drive Circuitry
MSK4322 MSK-MSK4322_15 Datasheet
165Kb / 7P
Self-Contained, Smart Lowside/Highside Drive Circuitry
MSK4323 MSK-MSK4323_15 Datasheet
146Kb / 6P
Self-Contained, Smart Lowside/Highside Drive Circuitry
MSK4454 MSK-MSK4454_15 Datasheet
129Kb / 6P
Self-Contained, Smart Lowside/Highside Drive Circuitry
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com