Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGL06SMT2 Datasheet(PDF) 2 Page - RF Micro Devices

Part # SGL06SMT2
Description  Integrated Active Bias Circuit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGL06SMT2 Datasheet(HTML) 2 Page - RF Micro Devices

  SGL06SMT2 Datasheet HTML 1Page - RF Micro Devices SGL06SMT2 Datasheet HTML 2Page - RF Micro Devices SGL06SMT2 Datasheet HTML 3Page - RF Micro Devices SGL06SMT2 Datasheet HTML 4Page - RF Micro Devices SGL06SMT2 Datasheet HTML 5Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140306
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
2 of 5
SGL-06SMT2
Absolute Maximum Ratings
Parameter
Rating
Unit
Device Current (ID)
30
mA
Device Voltage (VD)
4
V
RF Input Power (See Note)
-10
dBm
Junction Temperature (TJ)
+150
W
Operating Temperature Range (T
L)
-40 to +85
°C
Storage Temperature Range
-65 to +150
°C
ESD Rating - Human Body Model (HBM)
Class 1C
*Note: Survival Rating. ZLOAD = 50Ω. Max recommended input power for continuous operation:
-20dBm.
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
General Performance
Device Operating Current
7.5
10.0
12.5
mA
Small Signal Gain
32.0
35.0
38.0
dB
5MHz
24.0
27.0
30.0
dB
1.575GHz
14.0
17.0
20.0
dB
3.55GHz
Input Return Loss
-13.5
-9.5
dB
1.575GHz
Output Return Loss
-17.0
-9.5
dB
1.575GHz
Output Power at 1dB Compression
3.3
5.5
dB
1.575GHz
Noise Figure
1.4
1.9
dBm
1.575GHz
Thermal Resistance
173
°C/W
Junction to Case
Parameter
Unit
10MHz
100MHz
450MHz
850MHz
1.575GHz
1.95GHz
2.44GHz
3.55GHz
Small Signal Gain
dB
35.0
34.9
33.7
31.5
27.0
25.3
22.7
17.0
Input Return Loss
dB
-11.2
-11.3
-11.8
-12.4
-13.5
-15.9
-23.5
-14.1
Output Return Loss
dB
-12.6
-12.8
-12.9
-14.1
-17.0
-15.9
-12.5
-10.0
Reverse Isolation
dB
-40.1
-40.0
-40.2
f
-39.0
-37.1
-35.0
-32.0
Output Power at 1dB
Compression
dBm
9.5
9.4
10.1
8.4
5.5
4.9
3.6
0.6
Noise Figure
dB
1.1
1.0
1.0
1.1
1.4
1.6
-
-



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com