Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGL06SMT2 Datasheet(PDF) 1 Page - RF Micro Devices

Part # SGL06SMT2
Description  Integrated Active Bias Circuit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGL06SMT2 Datasheet(HTML) 1 Page - RF Micro Devices

  SGL06SMT2 Datasheet HTML 1Page - RF Micro Devices SGL06SMT2 Datasheet HTML 2Page - RF Micro Devices SGL06SMT2 Datasheet HTML 3Page - RF Micro Devices SGL06SMT2 Datasheet HTML 4Page - RF Micro Devices SGL06SMT2 Datasheet HTML 5Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140306
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 5
SGL-06SMT2
Low Noise Amplifier
5MHz to 4000MHz
RFMD’s SGL-06SMT2 is a low noise, high gain MMIC LNA
designed for low power, single supply operation from 2.7V to
3.6V. It
’s Class-1C ESD protection ensures rugged
performance, while its integrated active bias circuit provides
stable gain over temperature. SGL-06SMT2 is internally
matched from 5MHz to 4000MHz and requires minimal
external components. The SGL-06SMT2 die is fabricated
using highly repeatable Silicon Germanium technology and is
packaged in a hermetic SMT2 package.
Functional Block Diagram
Ordering Information
SGL-06SMT2
.005GHz to 4GHz LNA, SMT-2 package
Package: SMT2, 4-pin, 11.42mm x
11.42mm x 4.32mm
Features
■
27dB Gain at 1.575GHz
■
1.4dB Noise Figure at 1.575GHz
■
Single 3.3V Supply Operation
■
Integrated Active Bias Circuit
■
Hermetic Package
■
MIL-STD-883 Screening
Applications
■
GPS Receivers
■
Military and Industrial
SGL-06SMT2


Similar Part No. - SGL06SMT2

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SGL0622Z RFMD-SGL0622Z Datasheet
546Kb / 6P
5MHz to 4000MHz LOW NOISE MMIC AMPLIFIER SILICON GERMANIUM
logo
Qorvo, Inc
SGL0622Z QORVO-SGL0622Z Datasheet
509Kb / 8P
5 MHz to 4000 MHz, Low-Noise SiGe HBT MMIC Amplifier
logo
RF Micro Devices
SGL0622ZPCK1 RFMD-SGL0622ZPCK1 Datasheet
546Kb / 6P
5MHz to 4000MHz LOW NOISE MMIC AMPLIFIER SILICON GERMANIUM
logo
Qorvo, Inc
SGL0622ZPCK1 QORVO-SGL0622ZPCK1 Datasheet
509Kb / 8P
5 MHz to 4000 MHz, Low-Noise SiGe HBT MMIC Amplifier
logo
RF Micro Devices
SGL0622ZSQ RFMD-SGL0622ZSQ Datasheet
546Kb / 6P
5MHz to 4000MHz LOW NOISE MMIC AMPLIFIER SILICON GERMANIUM
More results

Similar Description - SGL06SMT2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR400W INFINEON-BCR400W Datasheet
60Kb / 7P
Active Bias Controller
Aug-07-2001
BCR410W INFINEON-BCR410W Datasheet
127Kb / 4P
Active Bias Controller
Dec-21-2001
BCR410W INFINEON-BCR410W_07 Datasheet
170Kb / 6P
Active Bias Controller
2007-05-29
logo
Hittite Microwave Corpo...
HMC981 HITTITE-HMC981 Datasheet
755Kb / 18P
ACTIVE BIAS CONTROLLER
HMC981LP3E HITTITE-HMC981LP3E Datasheet
1Mb / 17P
ACTIVE BIAS CONTROLLER
logo
M/A-COM Technology Solu...
MAAL-010705 MA-COM-MAAL-010705 Datasheet
634Kb / 9P
Excellent Input Return Loss Integrated Active Bias Circuit
MAAP-011060 MA-COM-MAAP-011060 Datasheet
716Kb / 4P
Integrated Active Bias Circuit
logo
Analog Devices
HMC920LP5E AD-HMC920LP5E Datasheet
1Mb / 26P
ACTIVE BIAS CONTROLLER
HMC981 AD-HMC981 Datasheet
871Kb / 18P
ACTIVE BIAS CONTROLLER
HMC981LP3E AD-HMC981LP3E Datasheet
980Kb / 17P
ACTIVE BIAS CONTROLLER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com