Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTC3003 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTC3003
Description  TRIPLE DIFFUSED NPN TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC3003 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTC3003_15 Datasheet HTML 1Page - KEC(Korea Electronics) KTC3003_15 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2006. 8. 31
2/2
KTC3003
Revision No : 1
0
0
AMBIENT TEMPERATURE Ta ( C)
C
P - Ta
0.4
0.01
COLLECTOR CURRENT I
(A)
C
V
- I
DC CURRENT GAIN
C
COLLECTOR CURRENT I
(A)
0.01
1
0.01
0
COLLECTOR CURRENT I
(A)
C
V
- I
0.01
COLLECTOR CURRENT I
(A)
0.1
C
0.1
SWITCHING CHARACTERISTIC
0.03
0.1
0.3
1
2
3
5
10
30
50
100
COMMON EMITTER
V
=2V
CE
T =150 C
j
T =25 C
j
T =-55 C
j
BE(sat)
C
0.6
0.8
1
1.2
1.4
0.03
0.1
0.3
1
2
V
@I /I =3
BE(sat)
C B
V
@V
=2V
BE(on)
CE
T =-55 C
j
T =25 C
j
T =25 C
j
T =150 C
j
CE(sat)
C
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.03
0.1
0.3
1
2
COMMON
EMITTER
I /I =3
C B
T =150 C
j
T =25 C
j
T =-55 C
j
0.03
0.3
1
2
0.3
0.5
1
3
5
10
V
=125V
I /I =5
CC
C B
t stg
f
t
50
100
150
200
0.25
0.5
0.75
1
1.1
1.25



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com