Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTC3003 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KTC3003
Description  TRIPLE DIFFUSED NPN TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC3003 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KTC3003_15 Datasheet HTML 1Page - KEC(Korea Electronics) KTC3003_15 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2006. 8. 31
1/2
SEMICONDUCTOR
TECHNICAL DATA
KTC3003
TRIPLE DIFFUSED NPN TRANSISTOR
Revision No : 1
SWITCHING REGULATOR APPLICATION.
HIGH VOLTAGE AND HIGH SPEED
SWITCHING APPLICATION.
FEATURES
Excellent Switching Times
: ton=1.1 S(Max.), tf=0.7 S(Max.), at IC=1A
High Collector Voltage : VCBO=700V.
MAXIMUM RATING (Ta=25 )
TO-92
DIM MILLIMETERS
A
B
C
D
F
G
H
J
K
L
4.70 MAX
4.80 MAX
3.70 MAX
0.45
1.00
1.27
0.85
0.45
14.00 0.50
0.55 MAX
2.30
D
1
2
3
B
K
G
H
F
F
E
C
E
N
0.45 MAX
M
1.00
N
1. EMITTER
2. COLLECTOR
3. BASE
+_
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
700
V
Collector-Emitter Voltage
VCEO
400
V
Emitter-Base Voltage
VEBO
9
V
Collector Current
DC
IC
1.5
A
Pulse
ICP
3
Base Current
IB
0.75
A
Collector Power Dissipation
PC
1.1
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Emitter Cut-off Current
IEBO
VEB=9V, IC=0
-
-
10
A
DC Current Gain
hFE(1) (Note)
VCE=2V, IC=0.5A
9
-
38
hFE(2)
VCE=2V, IC=1A
5
-
-
Collector-Emitter
Saturation Voltage
VCE(sat)
IC=0.5A, IB=0.1A
-
-
0.5
V
IC=1A, IB=0.25A
-
-
1
IC=1.5A, IB=0.5A
-
-
3
Base-Emitter
Saturation Voltage
VBE(sat)
IC=0.5A, IB=0.1A
-
-
1
V
IC=1A, IB=0.25A
-
-
1.2
Collector Output Capacitance
Cob
VCB=10V, f=0.1MHz, IE=0
-
21
-
pF
Transition Frequency
fT
VCE=10V, IC=0.1A
4
-
-
MHz
Turn-On Time
ton
IB1
125Ω
B1
I
CC
V
=125V
IB2
IB2
300µS
I =I
=0.2A
2%
B1 B2
OUTPUT
DUTY CYCLE
INPUT
<=
-
-
1.1
S
Storage Time
tstg
-
-
4.0
S
Fall Time
tf
-
-
0.7
S
Note : hFE Classification R:9 15, O:13 21, Y: 20~38


Similar Part No. - KTC3003_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3003HV KEC-KTC3003HV Datasheet
444Kb / 2P
TRIPLE DIFFUSED NPN TRANSISTOR HIGH VOLTAGE AND HIGH SPEED SWITCHING APPLICATION
KTC3003HV KEC-KTC3003HV Datasheet
30Kb / 1P
TO-92 PACKAGE
KTC3003HV KEC-KTC3003HV_08 Datasheet
30Kb / 1P
TO-92 PACKAGE
KTC3003HV KEC-KTC3003HV_15 Datasheet
302Kb / 2P
TRIPLE DIFFUSED NPN TRANSISTOR
More results

Similar Description - KTC3003_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC4521F KEC-KTC4521F_07 Datasheet
460Kb / 3P
TRIPLE DIFFUSED NPN TRANSISTOR
MJE13009 KEC-MJE13009 Datasheet
276Kb / 2P
TRIPLE DIFFUSED NPN TRANSISTOR
KTD1530 KEC-KTD1530 Datasheet
650Kb / 3P
TRIPLE DIFFUSED NPN TRANSISTOR
TIP35CA KEC-TIP35CA Datasheet
445Kb / 2P
TRIPLE DIFFUSED NPN TRANSISTOR
KTD998 KEC-KTD998_15 Datasheet
58Kb / 2P
TRIPLE DIFFUSED NPN TRANSISTOR
MJE13005DC KEC-MJE13005DC Datasheet
864Kb / 4P
TRIPLE DIFFUSED NPN TRANSISTOR
TIP35C KEC-TIP35C_15 Datasheet
294Kb / 2P
TRIPLE DIFFUSED NPN TRANSISTOR
KTC3003HV KEC-KTC3003HV_15 Datasheet
302Kb / 2P
TRIPLE DIFFUSED NPN TRANSISTOR
KTC3631D KEC-KTC3631D_15 Datasheet
835Kb / 3P
TRIPLE DIFFUSED NPN TRANSISTOR
MJE5555 KEC-MJE5555_15 Datasheet
448Kb / 2P
TRIPLE DIFFUSED NPN TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com