Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UMS-50-R16-G Datasheet(PDF) 1 Page - RF Micro Devices

Part # UMS-50-R16-G
Description  OCTAVE BAND VOLTAGE CONTROLLED OSCILLATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

UMS-50-R16-G Datasheet(HTML) 1 Page - RF Micro Devices

  UMS-50-R16-G Datasheet HTML 1Page - RF Micro Devices UMS-50-R16-G Datasheet HTML 2Page - RF Micro Devices UMS-50-R16-G Datasheet HTML 3Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1 of 3
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
BiFET HBT
LDMOS
Voltage Controlled Oscillator (VCO)
Tank Circuit
Resonator
Active
Circuit
VTUNE
VCC
RF Output
UMS-50-R16-G
OCTAVE BAND VOLTAGE CONTROLLED
OSCILLATOR
This series of VCO modules features full octave bands (typical), low phase noise,
low harmonics, and linear tuning.
Features
Octave Band Tuning
Frequency: 25MHz to 50MHz
Resonator: Microstrip
PCB: Rogers
Package Size: 12.7mm x
12.7mm x 4.57mm (0.5in x 0.5in
x 0.18in)
Applications
Wide Band Applications
Built-in Test Applications
First LO Applications
Frequency Sythesizers
DS120301
Package: R16, 12.7mm x 12.7mm x 4.57mm
UMS-50-R16-
GOCTAVE
BAND VOLT-
AGE CON-
TROLLED
OSCILLATOR
UMS-50-R16-G
Contact us at 1-480-756-6070


Similar Part No. - UMS-50-R16-G

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
UMS-1000-A16-G RFMD-UMS-1000-A16-G Datasheet
261Kb / 3P
OCTAVE BAND VOLTAGE CONTROLLED OSCILLATOR
UMS-1200-A16-G RFMD-UMS-1200-A16-G Datasheet
261Kb / 3P
OCTAVE BAND VOLTAGE CONTROLLED OSCILLATOR
UMS-1400-A16-G RFMD-UMS-1400-A16-G Datasheet
261Kb / 3P
OCTAVE BAND VOLTAGE CONTROLLED OSCILLATOR
UMS-150-R16-G RFMD-UMS-150-R16-G Datasheet
260Kb / 3P
OCTAVE BAND VOLTAGE CONTROLLED OSCILLATOR
UMS-1800-A16-G RFMD-UMS-1800-A16-G Datasheet
261Kb / 3P
OCTAVE BAND VOLTAGE CONTROLLED OSCILLATOR
More results

Similar Description - UMS-50-R16-G

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
UMS-150-R16-G RFMD-UMS-150-R16-G Datasheet
260Kb / 3P
OCTAVE BAND VOLTAGE CONTROLLED OSCILLATOR
UMS-200-R16-G RFMD-UMS-200-R16-G Datasheet
260Kb / 3P
OCTAVE BAND VOLTAGE CONTROLLED OSCILLATOR
UMS-300-R16-G RFMD-UMS-300-R16-G Datasheet
260Kb / 3P
OCTAVE BAND VOLTAGE CONTROLLED OSCILLATOR
UMS-400-R16-G RFMD-UMS-400-R16-G Datasheet
260Kb / 3P
OCTAVE BAND VOLTAGE CONTROLLED OSCILLATOR
UMS-800-A16-G RFMD-UMS-800-A16-G Datasheet
261Kb / 3P
OCTAVE BAND VOLTAGE CONTROLLED OSCILLATOR
UMS-1000-A16-G RFMD-UMS-1000-A16-G Datasheet
261Kb / 3P
OCTAVE BAND VOLTAGE CONTROLLED OSCILLATOR
UMS-1200-A16-G RFMD-UMS-1200-A16-G Datasheet
261Kb / 3P
OCTAVE BAND VOLTAGE CONTROLLED OSCILLATOR
UMS-1400-A16-G RFMD-UMS-1400-A16-G Datasheet
261Kb / 3P
OCTAVE BAND VOLTAGE CONTROLLED OSCILLATOR
UMS-1800-A16-G RFMD-UMS-1800-A16-G Datasheet
261Kb / 3P
OCTAVE BAND VOLTAGE CONTROLLED OSCILLATOR
UMS-2000-A16-G RFMD-UMS-2000-A16-G Datasheet
261Kb / 3P
OCTAVE BAND VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com