Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UMS-50-R16-G Datasheet(PDF) 2 Page - RF Micro Devices

Part # UMS-50-R16-G
Description  OCTAVE BAND VOLTAGE CONTROLLED OSCILLATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

UMS-50-R16-G Datasheet(HTML) 2 Page - RF Micro Devices

  UMS-50-R16-G Datasheet HTML 1Page - RF Micro Devices UMS-50-R16-G Datasheet HTML 2Page - RF Micro Devices UMS-50-R16-G Datasheet HTML 3Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2 of 3
UMS-50-R16-G
DS120301
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Operating Ambient Temperature[1]
-40 to +85
°C
Storage Temperature
-55 to +125
°C
[1] Frequency drift: 0.2MHz typical (either extreme)
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
Frequency Range
25
50
MHz
Tuning Voltage
1
15
VDC
Tuning Sensitivity
2.4
MHz/V
Output Power
7
9
11
dBm
7dBm
At VT=0
Output Phase Noise
-100
-94
dBc/Hz
1kHz
-125
-119
dBc/Hz
10kHz
-145
-139
dBc/Hz
100kHz
-164
-155
dBc/Hz
1000kHz
-164
-155
dBc/Hz
10000kHz
Second Harmonic
-15
-8
dBc
Frequency Pulling
0.1
0.2
MHz p-p
At 12dBr, all phases
Tuning Port Capacitance
1000
pF
Modulation Bandwidth
100
kHz
3dB BW
Frequency Pushing
0.05
0.1
MHz/V
Power Supply
Operating Voltage
12
V
Supply Current
16
mA
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RoHS (Restriction of Hazardous Substances): Compliant per EU Directive
2002/95/EC.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com