Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QH01-0016-RTR Datasheet(PDF) 1 Page - Tyco Electronics

Part # QH01-0016-RTR
Description  Low Cost GMIC SMT Quad Hybrid
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

QH01-0016-RTR Datasheet(HTML) 1 Page - Tyco Electronics

  QH01-0016-RTR Datasheet HTML 1Page - Tyco Electronics QH01-0016-RTR Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Low Cost GMIC SMT Quad Hybrid — 800 - 905 MHz
QH01-0016
M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel.+85 2 2111 8088,
Fax +85 2 2111 8087 s Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
V2.00
S1523A
Features
• Small Size and Low Profile
• Industry Standard SOT-26 SMT Plastic Package
• Typical Insertion Loss 0.7dB
• Typical Amplitude Balance 0.3dB
• 1 Watt Power Handling
Description
M/A-COM’s QH01-0016 is an IC-based monolithic power divider
using M/A-COM’s GMIC technology in a low cost SOT-26
plastic package.
This Quad Hybrid is ideally suited for
applications where small size, low insertion loss, superior phase/
amplitude tracking and low cost are required.
Typical
applications include base station switching networks and other c
cellular applications where size and PCB real estate are at a
premium. Available in Tape and Reel.
The QH01-0016 is fabricated using a passive-integrated circuit
process. The process features full-chip passivation for increased
performance and reliability.
Typical Electrical Specifications
1, T
A = +25°C
Parameter
Units
Min
Typ
Max
Insertion Loss above 3.0dB
dB
—
0.7
1.2
Isolation
dB
14
17
—
VSWR
Input
RF1, RF2 Outputs
—
—
—
—
1.3 : 1
1.35 : 1
1.5 : 1
1.5 : 1
Amplitude Balance
dB
—
0.3
0.9
Phase Balance
°
—
1.5
6
1. All specifications apply with a 50-Ohm source and load impedance.
Low Cost GMIC SMT Quad Hybrid
Ordering Information
Part Number
Package
QH01-0016
SOT-26 Lead Plastic Package
QH01-0016-TR
Forward Tape and Reel
1
QH01-0016-RTR
Reverse Tape and Reel
1
1. If specific reel size is required, consult factory for part number
assignment.
SOT-26
Parameter
Absolute Maximum
Input Power
2
1 W CW
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Absolute Maximum Ratings
1
1. Exceeding these limits may cause permanent damage.
2. With internal load dissipation of 0.125 W Maximum.
QH01-0016
……………………………………………………………………………………


Similar Part No. - QH01-0016-RTR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
QH01-0016-G MA-COM-QH01-0016-G Datasheet
79Kb / 4P
Low Cost GMIC SMT Quad Hybrid 800 - 905 MHz
QH01-0016-G-TR MA-COM-QH01-0016-G-TR Datasheet
79Kb / 4P
Low Cost GMIC SMT Quad Hybrid 800 - 905 MHz
More results

Similar Description - QH01-0016-RTR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAHYCC0001 MA-COM-MAHYCC0001 Datasheet
80Kb / 4P
Low Cost GMIC SMT Quad Hybrid 800 - 905 MHz
QH01-0016-G MA-COM-QH01-0016-G Datasheet
79Kb / 4P
Low Cost GMIC SMT Quad Hybrid 800 - 905 MHz
MAPDCC0021 MA-COM-MAPDCC0021 Datasheet
78Kb / 3P
Low Cost Eight-Way GMIC SMT Power Divider
MAPD-007530-000100 MA-COM-MAPD-007530-000100 Datasheet
105Kb / 4P
Low Cost Two-Way GMIC SMT Power Divider
MAPDCC0006 MA-COM-MAPDCC0006 Datasheet
94Kb / 3P
Low Cost Three-Way GMIC SMT Power Divider
MAPDCC0009 MA-COM-MAPDCC0009 Datasheet
80Kb / 4P
Low Cost Four-Way GMIC SMT Power Divider
MAPDCC0010 MA-COM-MAPDCC0010 Datasheet
58Kb / 3P
Low Cost Two-Way GMIC SMT Power Divider
MAPDCC0011 MA-COM-MAPDCC0011 Datasheet
73Kb / 4P
Low Cost Two-Way GMIC SMT Power Divider
MAPDCC0006 MA-COM-MAPDCC0006_15 Datasheet
667Kb / 4P
Low Cost Three-Way GMIC SMT Power Divider
MAPDCC0015 MA-COM-MAPDCC0015_15 Datasheet
499Kb / 4P
Low Cost Five-Way GMIC SMT Power Divider
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com