Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QH01-0016-RTR Datasheet(PDF) 2 Page - Tyco Electronics

Part # QH01-0016-RTR
Description  Low Cost GMIC SMT Quad Hybrid
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

QH01-0016-RTR Datasheet(HTML) 2 Page - Tyco Electronics

  QH01-0016-RTR Datasheet HTML 1Page - Tyco Electronics QH01-0016-RTR Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Low Cost GMIC SMT Quad Hybrid — 800 - 905 MHz
QH01-0016
M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel.+85 2 2111 8088,
Fax +85 2 2111 8087 s Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
V2.00
S1523A
Recommended PCB Configuration
Typical Performance @ +25°C
Functional Diagram
-20.0
-18.0
-16.0
-14.0
-12.0
-10.0
800.0
820.0
840.0
860.0
880.0
900.0
Frequency (MHz)
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
800.0
820.0
840.0
860.0
880.0
900.0
Frequency (MHz)
1.0
1.1
1.2
1.3
1.4
1.5
1.6
800.0
820.0
840.0
860.0
880.0
900.0
Frequency (MHz)
O/P VSWR
I/P VSWR
87.0
88.0
89.0
90.0
91.0
92.0
93.0
800.0
820.0
840.0
860.0
880.0
900.0
Frequency (M Hz)
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
800.0
820.0
840.0
860.0
880.0
900.0
Frequency (MHz)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com