Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMPPSERIES Datasheet(PDF) 1 Page - Tyco Electronics

Part # SMPPSERIES
Description  Surface Mount Plastic PIN Diodes
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SMPPSERIES Datasheet(HTML) 1 Page - Tyco Electronics

  SMPPSERIES Datasheet HTML 1Page - Tyco Electronics SMPPSERIES Datasheet HTML 2Page - Tyco Electronics SMPPSERIES Datasheet HTML 3Page - Tyco Electronics SMPPSERIES Datasheet HTML 4Page - Tyco Electronics SMPPSERIES Datasheet HTML 5Page - Tyco Electronics SMPPSERIES Datasheet HTML 6Page - Tyco Electronics SMPPSERIES Datasheet HTML 7Page - Tyco Electronics SMPPSERIES Datasheet HTML 8Page - Tyco Electronics SMPPSERIES Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Features
n
Industry Standard Surface Mount Packages
n
Low Capacitance Diodes
n
Low Resistance Diodes
n
Low Loss Switch Diodes
n
High Isolation Switch Diodes
n
Low Distortion Attenuator Diodes
n
Fast Switching Diodes
n
Single and Dual Diode Configurations
n
Tape and Reel Packaging
Description
M/A-COM offers six unique PIN diodes in five industry
standard, low cost, surface mount plastic packages. Within
this series, the PIN diodes offered, feature a variety of low
resistance, low capacitance and long minority carrier
lifetime characteristics.
The MA4P275 has the lowest series resistance for Series
Insertion Loss and Shunt Isolation switches. The MA4P789
has the lowest capacitance and offers the highest isolation
in Series and Series-Shunt switches through 3 GHz. The
MA4P277 and MA4P278 PIN diodes have longer intrinsic
layers
to
produce
better
distortion
performance
in
attenuators.
The MA4P282 and MA4P274 are general-
purpose PIN diodes useful in either switches or attenuators.
These parts are available as single diodes, series pairs
( ST ) , reverse series pairs ( STR ) , common cathode pairs
( CK ) , common anode pairs ( CA ) , and unconnected pairs
in the featured packages.
The SMPP series of PIN diodes is available in the SOT-23
(case style 287), the SOT-143 (case style 1068), the SOT-
323 (case style 1146) , the SOD-323 (case style 1141) , and
the SC-79 (case style 1279) packages. These packages are
supplied on tape and reel for automatic pick and place
assembly on surface mount circuit boards. The tape and reel
suffix designation is a “T” at the end of the part number.
Surface Mount
Plastic PIN Diodes
V 4.00
Absolute Maximum Ratings @ 25°C
Package Outlines
SOT-23
SC-79
SOT-143
SOD-323
3
2
1
3
2
1
2
1
3
4
1
2
SOT-323
Configurations (Top View)
Common Cathode
3
1
2
Single
Single
Common Anode
Unconnected Pair
3
2
1
3
2
1
Series Pair
Series Pair Reverse
Parameter
Absolute Maximum
Operating Temperature
-65
°C to +150 °C
Storage Temperature
-65
°C to +150 °C
Total ( RF + DC ) Power Dissipation
@+25
°C Ambient
SOT-23, SOT-143
SOT-323, SOD-323, SC-79
250 mW
150 mW
Reverse Voltage
Voltage Rating
Forward Current
100 mA DC


Similar Part No. - SMPPSERIES

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMPP MACOM-SMPP Datasheet
116Kb / 10P
Surface Mount Plastic PIN Diodes
logo
M/A-COM Technology Solu...
SMPP MA-COM-SMPP Datasheet
779Kb / 10P
Surface Mount Plastic PIN Diodes
SMPP-SERIES MA-COM-SMPP-SERIES Datasheet
152Kb / 9P
Surface Mount Plastic PIN Diodes
logo
InterFET Corporation
SMPP1086 INTERFET-SMPP1086 Datasheet
213Kb / 10P
N-Channel Silicon Junction Field-Effect Transistors
SMPP1087 INTERFET-SMPP1087 Datasheet
213Kb / 10P
N-Channel Silicon Junction Field-Effect Transistors
More results

Similar Description - SMPPSERIES

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MADP-008120-12790T MACOM-MADP-008120-12790T Datasheet
76Kb / 4P
Surface Mount Plastic PIN Diodes
SMPP MACOM-SMPP Datasheet
116Kb / 10P
Surface Mount Plastic PIN Diodes
logo
M/A-COM Technology Solu...
MADP-008120-12790T MA-COM-MADP-008120-12790T Datasheet
74Kb / 4P
Surface Mount Plastic PIN Diodes
MADP-01063X-1392T-V4 MA-COM-MADP-01063X-1392T-V4 Datasheet
346Kb / 5P
Surface Mount Plastic PIN Diodes
SMPP-SERIES MA-COM-SMPP-SERIES Datasheet
152Kb / 9P
Surface Mount Plastic PIN Diodes
MADP-01063X-1392T MA-COM-MADP-01063X-1392T_15 Datasheet
346Kb / 5P
Surface Mount Plastic PIN Diodes
SMPP MA-COM-SMPP Datasheet
779Kb / 10P
Surface Mount Plastic PIN Diodes
SMPP MA-COM-SMPP_15 Datasheet
779Kb / 10P
Surface Mount Plastic PIN Diodes
MADP-01063X-1392T MA-COM-MADP-01063X-1392T Datasheet
762Kb / 6P
Surface Mount Plastic PIN Diodes
logo
Broadcom Corporation.
HSMP-3860 BOARDCOM-HSMP-3860 Datasheet
260Kb / 10P
Surface Mount PIN Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com